Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 28Page - STMicroelectronics L9908 Datasheet HTML 29Page - STMicroelectronics L9908 Datasheet HTML 30Page - STMicroelectronics L9908 Datasheet HTML 31Page - STMicroelectronics L9908 Datasheet HTML 32Page - STMicroelectronics L9908 Datasheet HTML 33Page - STMicroelectronics L9908 Datasheet HTML 34Page - STMicroelectronics L9908 Datasheet HTML 35Page - STMicroelectronics L9908 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 152 page
background image
Symbol
Parameter
Min
Typ
Max
Unit
Notes
T_selftest_time_out
SELF TEST Mode Time-out
0.77
0.88
0.99
ms
Not subject to production test
5.6
Fault Handling Management (FHM)
The fault set is divided into two main categories based on the required corrective actions:
•
STD (Shutdown Faults): this set includes faults which are highly dangerous for the IC or the application and
that needs a quick corrective action to avoid harming;
•
WRN (Warnings): this set includes all those faults against which the application and the device are tolerant
and the corrective action can be waived or delayed.
L9908 allows a certain degree of fault management customization a subset of available enabled faults can be
configured by setting the proper FHC registers.
Table 24. Fault summary
Fault Flag
Source Diagnosis
Self-Check
Failure Reaction
Fault Description
INT_RST=1
Internal Supply
Monitor
Yes
RESET
Under-voltage on V3V3_ANA
INT_RST=1
Internal Supply
Monitor
Yes
RESET
Under-voltage on V3V3_DIG
INT_RST=1
Internal Supply
Monitor
Yes
RESET
Over-voltage on V3V3_ANA
INT_RST=1
Internal Supply
Monitor
Yes
RESET
Over-voltage on V3V3_DIG
INT_RST=1
VDD Monitor
Yes
RESET
Under-voltage on VDD
VDD_OV=1
VDD Monitor
Yes
SAFE-OFF
Over-voltage on VDD
INT_RST=1
ICM
Yes
RESET & SAFE_OFF
Main clock stuck violation
CLK1_ERR=1
CLK2_ERR=1
CLK2_TIME_OUT=1
ICM
No
Flag only (NORMAL)
Oscillators mismatch or auxiliary clock
stuck violation
PGND_LOSS=1
AGND_LOSS=1
DGND_LOSS=1
GLM
Yes
Flag only (NORMAL)
Loss of power or signal grounds
OTM_SD=1
OTM
No
SAFE-OFF
Thermal shutdown
OTM_WR=1
OTM
No
Flag only (NORMAL)
Thermal warning
STDn_PWM =1
[n=1,2,3]
STD on PWM
No
Ignore overlapping
PWM command
Shoot through on half bridge n (PWM
input)
STDn_VGS =1
[n=1,2,3]
STD on VGS
No
Configurable
Shoot through on half bridge n (Ext.
FET Vgs)
HSn_STG = 1
[n=1,2,3]
OND
Yes
Configurable
Short to ground on SHS_n
LSn_STB=1
[n=1,2,3]
OND
Yes
Configurable
Short to battery on SHS_n
HS2_OFD=1
LSn_OFD=0
[n=1,2,3]
OFD
Yes
Flag only (NORMAL)
Short to ground on one or multiple
motor phase
HS2_OFD=0
LSn_OFD=1
OFD
Yes
Flag only (NORMAL)
Short to battery on one or multiple
motor phase
L9908
Functional description
DS13546 - Rev 5
page 32/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com