Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 45Page - STMicroelectronics L9908 Datasheet HTML 46Page - STMicroelectronics L9908 Datasheet HTML 47Page - STMicroelectronics L9908 Datasheet HTML 48Page - STMicroelectronics L9908 Datasheet HTML 49Page - STMicroelectronics L9908 Datasheet HTML 50Page - STMicroelectronics L9908 Datasheet HTML 51Page - STMicroelectronics L9908 Datasheet HTML 52Page - STMicroelectronics L9908 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 152 page
background image
5.11.1
Pre-regulation stage
The pre-regulator stage has the purpose to generate an intermediate supply rail to be used as a reference level
for the Ext. FET ON driving. This function is carried out by a current-limited Single Stage 2-Phases Dickson
charge pump with external capacitance.
Charge Pump1 can be disabled by the dedicated SPI bit CP1_DIS within the SAFETY_RELEVANT3 register, as
follows:
Table 43. Charge pump 1 enable bit
CP1_DIS
Description
0
Charge Pump 1 Enabled (Default)
1
Charge Pump 1 Disabled
Table 44. Pre-regulation stage electrical characteristics
Symbol
Parameter
Test Condition
Min Typ Max Unit
Notes
CP1_iout1
Charge Pump1 external Load Current for
no VPRE_UV
5.5 V ≤ VBP < 8 V
CFLY1 = 1 μF
CPRE = 4.7 μF
-
-
40
mA -
CP1_iout2
Charge Pump1 external Load Current for
no VPRE_UV
8 V ≤ VBP
CFLY1 = 1 μF
CPRE = 4.7 μF
-
-
55
mA -
CP1_vout1
Charge Pump1 Output Voltage
4.5 V ≤ VB = < 5.5 V
Iload ≤24 mA
CFLY1 = 1 μF
CPRE = 4.7 μF
5.8
-
13
V
(1)
CP1_vout2
Charge Pump1 Output Voltage
5.5 V ≤ VBP < 11 V
Iload = 24 mA
CFLY1 = 1 μF
CPRE = 4.7 μF
8
-
13
V
(1)
CP1_vout3
Charge Pump1 Output Voltage
11 V ≤ VBP
Iload = 36 mA
CFLY1 = 1 μF
CPRE = 4.7 μF
11
12
13
V
(1)
CP1_freq
Charge Pump1 Frequency
-
180 200 220 kHz
Not subject to
production test
VPRE_boot_time
VPRE boot time at high battery (VBP &
VDH > 10 V)
Iload ≤ 0 mA
CFLY1 = 1 μF
CPRE = 4.7 μF
0 V ≤ VPRE ≤ 7 V
0.2
-
0.5
ms -
VPRE_boot_time
VPRE boot time at low battery (VBP &
VDH < 10 V)
Iload ≤ 0 mA
CFLY1 = 1 μF
CPRE = 4.7 μF
0 V ≤ VPRE ≤ 7 V
0.5
-
1
ms -
1. Iload is the total external current out sink form VPRE equivalent to a gate charge load: Iload = (# of switching FETs) * fPWM
* QgTOT.
Note:
All parameters are guaranteed and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
L9908
Functional description
DS13546 - Rev 5
page 49/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com