Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 12Page - STMicroelectronics L9908 Datasheet HTML 13Page - STMicroelectronics L9908 Datasheet HTML 14Page - STMicroelectronics L9908 Datasheet HTML 15Page - STMicroelectronics L9908 Datasheet HTML 16Page - STMicroelectronics L9908 Datasheet HTML 17Page - STMicroelectronics L9908 Datasheet HTML 18Page - STMicroelectronics L9908 Datasheet HTML 19Page - STMicroelectronics L9908 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 152 page
background image
3
Current consumption
Table 9. Quiescent current consumption in reset mode
Symbol
Parameter
Test Condition
Min Typ Max Unit
IQ_VBP1 Quiescent consumption for VBP in reset mode
VBP = 14 V, -40° ≤ Tj ≤ 25°C VDD = 0 V
-
0.5
15
μA
IQ_VBP2 Quiescent consumption for VBP in reset mode
VBP = 14 V, 25°C < Tj ≤ 150°C
VDD = 0 V
-
1.3
15
μA
IQ_VBP3 Quiescent consumption for VBP in reset mode
VBP = 60 V, -40°C ≤ Tj ≤ 25°C
VDD = 0 V
-
2.2
15
μA
IQ_VBP4 Quiescent consumption for VBP in reset mode
VBP = 60 V, 25°C < Tj ≤ 150°C
VDD = 0 V
-
4.6
15
μA
IQ_VDH1 Quiescent consumption for VDH in reset mode
VDH = 14 V, -40°C ≤ Tj ≤ 25°C
VDD = 0 V
-
0.3
15
μA
IQ_VDH2 Quiescent consumption for VDH in reset mode
VDH = 14 V, 25°C <Tj ≤ 150°C
VDD = 0 V
-
1
15
μA
IQ_VDH3 Quiescent consumption for VDH in reset mode
VDH = 60 V, 40°C ≤ Tj ≤ 25°C
VDD = 0 V
-
0.8
15
μA
IQ_VDH4 Quiescent consumption for VDH in reset mode
VDH = 60 V, 25°C <Tj ≤ 150°C
VDD = 0 V
-
2.5
15
μA
IQ_VIO1 Quiescent consumption for VIO in reset mode
VIO = 5 V, -40°C ≤ Tj ≤ 25°C
VDD = 0 V
-
5
15
μA
IQ_VIO2 Quiescent consumption for VIO in reset mode
VIO = 5 V, 25°C < Tj ≤ 150°C
VDD = 0 V
-
6
15
μA
Table 10. Mean current consumptions in normal mode
Symbol
Parameter
Test Condition
Min Typ Max Unit
INORMAL_VBP1
Mean Current consumption
for VBP in normal mode
VBP = 14 V, -40°C ≤ Tj ≤ 25°C
Default Configuration and HBn_DIS=0
INLn=INHn=0, SHS_n=0
[n=1,2,3]
-
2.5
20
mA
INORMAL_VBP2
Mean Current consumption
for VBP in normal mode
VBP = 14 V, 25°C < Tj ≤ 150°C
Default Configuration and HBn_DIS=0
INLn=INHn=0, SHS_n=0
[n=1,2,3]
-
2.5
20
mA
INORMAL_VBP3
Mean Current consumption
for VBP in normal mode
VBP = 60 V, -40°C ≤ Tj < 25°C
Default Configuration and HBn_DIS=0
INLn=INHn=0, SHS_n=0
[n=1,2,3]
-
2.5
20
mA
INORMAL_VBP4
Mean Current consumption
for VBP in normal mode
VBP = 60 V, 25°C < Tj ≤ 150°C
Default Configuration and HBn_DIS=0
INLn=INHn=0, SHS_n=0
[n=1,2,3]
-
2.5
20
mA
INORMAL_VDH1
Mean Current consumption
for VDH in normal mode
VDH = 14 V, -40°C ≤ Tj ≤ 25°C
-
3.5
15
mA
L9908
Current consumption
DS13546 - Rev 5
page 16/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com