Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet (PDF) - STMicroelectronics

L9965T Datasheet PDF - STMicroelectronics
Part # L9965T
Download  L9965T Download
File Size   5495.66 Kbytes
Page   62 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive SPI to isolated SPI transceiver

L9965T Datasheet (PDF)

Go To PDF Page Download Datasheet
L9965T Datasheet PDF - STMicroelectronics

Part # L9965T
Download  L9965T Click to download

File Size   5495.66 Kbytes
Page   62 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive SPI to isolated SPI transceiver

L9965T Datasheet (HTML) - STMicroelectronics


L9965T Product details

Features
• AEC-Q100 qualified
• Temperature grade 1: -40°C to +125°C operating temperature range
• HBM ESD classification level 2
• CDM ESD classification level C4B
• Full ISO26262 compliant, ASIL-D systems ready, documentation available
• Automatic wake-up of BMS/BMU MCU and PMIC from SHUTDOWN/SLEEP in
case of fault detected in the chain
• Single or dual channel p/n in the same package for ring connection
• Supports up to 59 devices in chain
• Cable lengths verified up to 10 meters
• 10 MHz 4-wire SPI interface
• 4 Mbps 2-wire vertical interface (VIF)
• Supports both transformer and capacitive isolation
• Compressed burst data read for enhanced communication speed over the
whole chain
• Broadcast write command to configure and control all devices in the chain (or a
subset)
• Very low EMI susceptibility and emissions
• Compatible with 3.3 V and 5 V logics
• Supply voltage from 6 V to 24 V




Similar Part No. - L9965T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9965P STMICROELECTRONICS-L9965P Datasheet
5Mb / 104P
Automotive single channel pyro-fuse driver
10-Jun-2025
L9965P-FN STMICROELECTRONICS-L9965P-FN Datasheet
5Mb / 104P
Automotive single channel pyro-fuse driver
10-Jun-2025
L9965P-FN-TR STMICROELECTRONICS-L9965P-FN-TR Datasheet
5Mb / 104P
Automotive single channel pyro-fuse driver
10-Jun-2025
L9965P-FP STMICROELECTRONICS-L9965P-FP Datasheet
5Mb / 104P
Automotive single channel pyro-fuse driver
10-Jun-2025
L9965P-FP-TR STMICROELECTRONICS-L9965P-FP-TR Datasheet
5Mb / 104P
Automotive single channel pyro-fuse driver
10-Jun-2025
More results


Similar Description - L9965T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT88P8344 IDT-IDT88P8344 Datasheet
648Kb / 98P
SPI EXCHANGE 4 x SPI-3 TO SPI-4 Issue 1.0
logo
Integrated Silicon Solu...
IS25C32B ISSI-IS25C32B Datasheet
591Kb / 15P
32K-BIT SPI AUTOMOTIVE EEPROM
logo
ATMEL Corporation
AT25080A ATMEL-AT25080A_14 Datasheet
706Kb / 19P
SPI Automotive Temperature Serial EEPROMs
AT25080B ATMEL-AT25080B_14 Datasheet
729Kb / 20P
SPI Automotive Temperature Serial EEPROMs
AT25160B ATMEL-AT25160B_14 Datasheet
729Kb / 20P
SPI Automotive Temperature Serial EEPROMs
logo
Seiko Instruments Inc
S25C128A SII-S25C128A Datasheet
407Kb / 31P
SPI SERIAL E2PROM FOR AUTOMOTIVE
logo
IC-Haus GmbH
IC-MCB ICHAUS-IC-MCB Datasheet
1Mb / 28P
SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
logo
Maxim Integrated Produc...
MAX17841B MAXIM-MAX17841B Datasheet
1Mb / 33P
Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
logo
STMicroelectronics
L9963T STMICROELECTRONICS-L9963T Datasheet
1Mb / 45P
Automotive general purpose SPI to isolated SPI transceiver
logo
Renesas Technology Corp
IDT88P8342 RENESAS-IDT88P8342 Datasheet
685Kb / 98P
SPI EXCHANGE 2 x SPI-3 TO SPI-4 Issue 1.0
APRIL 2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com