Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 2Page - STMicroelectronics L9965T Datasheet HTML 3Page - STMicroelectronics L9965T Datasheet HTML 4Page - STMicroelectronics L9965T Datasheet HTML 5Page - STMicroelectronics L9965T Datasheet HTML 6Page - STMicroelectronics L9965T Datasheet HTML 7Page - STMicroelectronics L9965T Datasheet HTML 8Page - STMicroelectronics L9965T Datasheet HTML 9Page - STMicroelectronics L9965T Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Table 1. L9965T pin function
Pin #
Pin name
Description
Pin type
1
VIO_0
Digital Output Buffer Supply channel 0
Supply
2
BNE_0
Buffer Not Empty flag channel 0
Digital I/O
3
FLT_0
Fault interrupt out channel 0
Digital I/O
4
TEST_AUX_0
Test Mode AUX 0
Reserved(1)
5
TEST_0
Test Mode 0
Reserved(1)
6
DGND_0
Digital Ground channel 0
GND
7
ISOM_0
VIF Port channel 0 (Negative)
Analog I/O
8
ISOP_0
VIF Port channel 0 (Positive)
Analog I/O
9
V5V_0
Internal 5 V supply channel 0
Regulator Out(2)
10
VB_0
Supply input battery compatible channel 0
Supply
11
WKP_0
Wakeup pin channel 0
Analog I/O
12
AGND_0
Analog Ground channel 0
GND
13
SCLK_1
SPI Serial clock channel 1
Digital In
14
SDO_1
SPI Serial Data output channel 1
Digital Out
15
SDI_1
SPI Serial Data Input channel 1
Digital In
16
NCS_1
SPI Chip Select channel 1
Digital In
17
VIO_1
Digital Output Buffer Supply channel 1
Supply
18
BNE_1
Buffer Not Empty flag channel 1
Digital I/O
19
FLT_1
Fault interrupt out channel 1
Digital I/O
20
TEST_AUX_1
Test Mode AUX 1
Reserved(1)
21
TEST_1
Test Mode 1
Reserved(1)
22
DGND_1
Digital Ground channel 1
GND
23
ISOM_1
VIF Port channel 1 (Negative)
Analog I/O
24
ISOP_1
VIF Port channel 1 (Positive)
Analog I/O
25
V5V_1
Internal 5 V supply channel 1
Regulator Out(2)
26
VB_1
Supply input battery compatible channel 1
Supply
27
WKP_1
Wakeup pin channel 1
Analog I/O
28
AGND_1
Analog Ground channel 1
GND
29
SCLK_0
SPI Serial clock channel 0
Digital In
30
SDO_0
SPI Serial Data output channel 0
Digital Out
31
SDI_0
SPI Serial Data Input channel 0
Digital In
32
NCS_0
SPI Chip Select channel 0
Digital In
1. To be tied to GND
2. To be connected to an external filtering capacitor only.
Table 2. L9965TS pin function
Pin #
Pin name
Description
Pin type
1
VIO_0
Digital Output Buffer Supply channel 0
Supply
2
BNE_0
Buffer Not Empty flag channel 0
Digital I/O
3
FLT_0
Fault interrupt out channel 0
Digital I/O
L9965T/L9965TS
Block diagram and pin description
DS14987 - Rev 1
page 6/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com