Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 30Page - STMicroelectronics L9965T Datasheet HTML 31Page - STMicroelectronics L9965T Datasheet HTML 32Page - STMicroelectronics L9965T Datasheet HTML 33Page - STMicroelectronics L9965T Datasheet HTML 34Page - STMicroelectronics L9965T Datasheet HTML 35Page - STMicroelectronics L9965T Datasheet HTML 36Page - STMicroelectronics L9965T Datasheet HTML 37Page - STMicroelectronics L9965T Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Pin
WAIT_RX_BEGIN
Maximum waiting time for an
answer from VIF
Tested in SCAN
53
67
µs
WAIT_RX_END
Maximum waiting time between
two successive frames received
on VIF
Tested in SCAN
6.6
8.4
µs
5.8
Communication protocol
5.8.1
Addressing procedure
At first power-up the L9965T/TS holds an address (VIF_ID_CFG.VIF_ID) equal to 0x0 and its VIF transmitter is
disabled. To communicate it is necessary to implement the addressing procedure below.
Procedure 2: L9965T/TS addressing
1. Send a SPI frame with DEV_ID = 0 to disable the configuration integrity check by writing
GENERAL_REG.CYC_CRC_DIS = 1.
The command only reaches the first device in the chain not initialized and won’t be propagated until this
device is addressed and has the VIF transmitter enabled.
2. Send SPI frames with DEV_ID = 0 to remove the configuration lock:
a. Write 0x55 in the SPECIAL_REG.SPECIAL_KEY register to enter in partial unlock
b. Write 0x33 in the SPECIAL_REG.SPECIAL_KEY register to confirm the unlock
3. Send a SPI frame with DEV_ID = 0 to program the desired VIF_ID value in the VIF_ID_CFG.VIF_ID register
4. Send a SPI frame with DEV_ID = VIF_ID_CFG.VIF_ID to enable VIF transmitter setting
GENERAL_REG.ISOH_TX_EN = 1
The steps above can be repeated for all devices in the chain that in this way are initialized one by one.
5. To enable selective broadcast (see Section 5.8.2.3), send a SPI frames with DEV_ID = VIF_ID_CFG.VIF_ID
to write the GEN_CFG1.BROADCAST_SEL<x> registers with values matching those programmed in the IC in
the chain that will be addressed by broadcast communication.
6. Send SPI commands with DEV_ID = 0 to apply the configuration lock to all devices in the chain:
a. Write 0xAA in the SPECIAL_REG.SPECIAL_KEY to apply the lock.
7. Send a SPI command with DEV_ID = 0 to enable the configuration integrity check by writing
GENERAL_REG.CYC_CRC_DIS = 0.
The device response to commands from the BMS MCU is summarized in the table below and explained in details
in following paragraphs.
Table 35. Device response according to VIF_ID
Device
VIF_ID
SPI MOSI DEV_ID
READ CMD Behavior
WRITE CMD Behavior
0
0
Discard cmd and load MISO with SPI ERROR
FRAME with WRONG_VIF_ID=1
Set COMM_ERR_SPI.SPI_VIF_ID_ERR
Perform WRITE operation and
load MISO with updated reg
content
0
!=0
Discard cmd and load MISO with SPI ERROR
FRAME with WRONG_VIF_ID=1
Set COMM_ERR_SPI.SPI_VIF_ID_ERR
Discard cmd and load MISO
with SPI ERROR FRAME with
WRONG_VIF_ID=1
!=0
0 (Broadcast)
Discard cmd and load MISO with SPI ERROR
FRAME with WRONG_VIF_ID=1
Set COMM_ERR_SPI.SPI_VIF_ID_ERR
Perform WRITE operation and
load MISO with updated reg
content. Propagate cmd on VIF
!=0
!=0 (matching VIF_ID)
Perform READ operation and load MISO with reg
content. No propagation on VIF
Perform WRITE operation and
load MISO with reg content.
No propagation on VIF
!=0
!=0 (non matching)
Propagate cmd on VIF transmitter and load MISO
with FIFO_RX content
Propagate cmd on VIF and load
MISO with FIFO RX content
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 34/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com