Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 49Page - STMicroelectronics L9965T Datasheet HTML 50Page - STMicroelectronics L9965T Datasheet HTML 51Page - STMicroelectronics L9965T Datasheet HTML 52Page - STMicroelectronics L9965T Datasheet HTML 53Page - STMicroelectronics L9965T Datasheet HTML 54Page - STMicroelectronics L9965T Datasheet HTML 55Page - STMicroelectronics L9965T Datasheet HTML 56Page - STMicroelectronics L9965T Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
6.1.1
Bill of materials
Table 53. Bill of materials
Symbol
Parameter
Value
Rating
Tolerance
Note
CBAT1
Capacitor on VB
2.2 µF
50V
CBAT2
Capacitor on VB
100 nF
50V
Filtering capacitor
CBAT3
Capacitor on VB
10 nF
50V
Filtering capacitor
CVIO1
Capacitor on VIO
2.2 µF
16V
CVIO2
Capacitor on VIO
100 nF
16V
Filtering capacitor
CV5V1
Capacitor on V5V
2.2 µF
16V
CV5V2
Capacitor on V5V
100 nF
16V
CISO
Series capacitor for ISO pins
2.2nF to 6.8nF 100V/1kV
2%
Voltage rating shall be sized
according to the maximum isolation
voltage to be guaranteed in the
application.
Keep tolerance low to maximize
differential line balancing.
CFIL
Filtering capacitor for ISO
termination
100pF
25V
2%
Filters common mode and differential
noise.
Keep tolerance low to maximize
differential line balancing.
RTERM
Termination resistor for unused
port
200Ω
0.5W
10%
To be used only on unused VIF port.
RWKP
Pull-down resistor on WKP pin
Typical: 100kΩ
RFLT_ext_PD Pull-down resistor on FLT pin
Typical: 1MΩ
To be mounted if pin is not used.
RBNE_ext_PD Pull-down resistor on BNE pin
Typical: 1MΩ
To be mounted if pin is not used.
L9965T/L9965TS
Application Information
DS14987 - Rev 1
page 53/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com