Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 32Page - STMicroelectronics L9965T Datasheet HTML 33Page - STMicroelectronics L9965T Datasheet HTML 34Page - STMicroelectronics L9965T Datasheet HTML 35Page - STMicroelectronics L9965T Datasheet HTML 36Page - STMicroelectronics L9965T Datasheet HTML 37Page - STMicroelectronics L9965T Datasheet HTML 38Page - STMicroelectronics L9965T Datasheet HTML 39Page - STMicroelectronics L9965T Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
5.8.2.1
Single read/write
When in NORMAL mode the device is available for SPI and VIF communication.
If the DEV_ID field in the SPI frame corresponds to the transceiver VIF_ID_CFG.VIF_ID register value, the frame
is checked (for CRC, length, register address) and, if correct, the internal register of L9965T, pointed by the
Address field, is accessed with out-of-frame approach.
If the DEV_ID field in the SPI frame does not correspond to the transceiver VIF_ID programmed value, the SPI
frame is checked (for CRC, length) and if correct, the frame is put in the TX_FIFO (depth 1).
The frame in TX FIFO is sent when the VIF interface is in IDLE state (readable in GEN_STATUS3.ISO_IDLE =1),
which means it is not already busy in a previous transmission task. When the transmission starts the TX FIFO is
cleared.
During transmission the VIF peripheral remains busy for a time that depends on the GEN_CFG5.
ISO_RX_TIMEOUT_ENB configuration bit value; the bit default value is zero and, in this case, the VIF returns
IDLE when transmission is completed; if the bit is set, the VIF remains busy to wait for an answer for an additional
time equal to WAIT_RX_BEGIN; when this timeout expires the VIF returns in IDLE state and is ready for a new
transmission.
In case of concurrent access from both SPI and VIF, the arbitration mechanism waits until VIF RX port is in IDLE
mode, then present the data to the VIF TX port to be transmitted.
If a new SPI frame is received to be transmitted on the VIF when TX FIFO is not empty, ongoing transmission
continues without interruption, but the previous frame in the TX FIFO is overwritten and the
GEN_STATUS1.FIFO_TX_FULL bit is set.
When a frame is received from the VIF the CRC and length are checked and, if correct, the frame is stored in the
first empty location of the VIF RX FIFO (depth 32) and the BNE pin is asserted. The VIF remains BUSY for a time
equal to WAIT_RX_END, then returns to IDLE state in case other frames must be received (i.e. Burst frame). This
timeout is disabled by default and can be enabled by bit GEN_CFG4. ISO_RX_TIMEOUT_ENB.
A FIFO_RX counter register (GEN_STATUS3.FIFO_RX_ADD) is incremented for each frame received and
decremented for each frame read. An SPI flush command is also available (writing 0xDC in CMD_REG) to clear
the entire RX FIFO.
When the microprocessor asserts the SPI NCS, L9965T/TS starts sending out on SDO the VIF RX FIFO content
with a FIFO approach. Each bit is sent synchronously with SCK provided by the microprocessor itself. The timings
of SDO with respect to SCK and NCS must follow the electrical characteristics listed in Table 30.
The first answer issued by the IC when, after a wakeup condition, it moves to NORMAL from DEEP SLEEP,
CYCLIC COUNT or CYCLIC_WAKEUP state is the default frame 0x0000000010 (see Section 5.8.3.4).
To enable interrupt-based communication with the BMS MCU, the BNE pin remains set until the VIF RX queue is
not empty (it contains at least an unread frame).
5.8.2.2
Burst read
To enable quick data retrieval from a specific chained L9965x AFEs, the IC implements a flexible burst read mode
available only on the VIF port. Burst packets can be requested performing a read access to L9965x specific
registers.
Two types of burst read can be requested:
•
Standard burst
–
L9965T/TS receives on the VIF a flexible number of registers, depending on L9965A setup (refer to
L9965A datasheet). This strategy can be used to quickly retrieve diagnostic and configuration data.
•
Compressed burst
–
L9965T/TS receives on the VIF a compressed packet according to L9965A setup (refer to L9965A
datasheet). This strategy is recommended to achieve high data rate with negligible impact on the
power consumption. It enables very fast conversion and readout threads, while keeping low power
consumption due to the reduced VIF transmitter duty-cycle.
Broadcast burst reads are not supported.
L9965T/TS features the decompressor for compressed burst frame, thus freeing MCU from implementing
complex routines to recover original cell/temperature/pack/busbar data.
As for all the received VIF frames, the packet CRC is checked and if correct, the information is formatted as in
Table 25 and stored in the VIF RX FIFO. The BNE pin is asserted.
When a compressed burst from L9965A is decompressed in the L9965T/TS RX FIFO, the FIFO contains variable
number of frames depending on the specific configuration of the addressed L9965A.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 36/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com