Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 35Page - STMicroelectronics L9965T Datasheet HTML 36Page - STMicroelectronics L9965T Datasheet HTML 37Page - STMicroelectronics L9965T Datasheet HTML 38Page - STMicroelectronics L9965T Datasheet HTML 39Page - STMicroelectronics L9965T Datasheet HTML 40Page - STMicroelectronics L9965T Datasheet HTML 41Page - STMicroelectronics L9965T Datasheet HTML 42Page - STMicroelectronics L9965T Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Figure 14. Accessing the FIFO from the same side of the ring
The long frame access allows the MCU to send a single long SPI frame of 40*N bits, where N is the number of
burst responses. In the scenarios described before, if the MCU needs to retrieve the data from the high
transceiver using the long SPI frame, it must send at least one FIFO POP command to update the MISO pointer
from local memory to the FIFO during time interval [t5]. Then, it can generate the long frame of (N+1)*40 bits. The
long frame retrieves the burst request (sent by the low transceiver) during time interval [t6] and the N burst
responses during time interval [t7-t8-…].
Figure 15. Accessing the FIFO from the opposite side of the ring
In a typical application scenario, to perform a burst read on a target device on the VIF bus, the following
procedures must be performed:
Procedure 1: Burst request and response from the same transceiver
1. Send an SPI burst request to the target device along the chain through the transceiver (see Section 5.8.2.2).
2. Wait to receive the N response frames to the burst.
3. Send N SPI commands to pop responses from the FIFO.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 39/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com