Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 40Page - STMicroelectronics L9965T Datasheet HTML 41Page - STMicroelectronics L9965T Datasheet HTML 42Page - STMicroelectronics L9965T Datasheet HTML 43Page - STMicroelectronics L9965T Datasheet HTML 44Page - STMicroelectronics L9965T Datasheet HTML 45Page - STMicroelectronics L9965T Datasheet HTML 46Page - STMicroelectronics L9965T Datasheet HTML 47Page - STMicroelectronics L9965T Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
IC STATE
IC reaction upon frame receipt
•
GEN_STATUS2.WAKEUP_FAULT_VIF = 1
DEEPSLEEP
•
Device moves to NORMAL within TVIF_WAKEUP_TIME
•
FLT pin is asserted
•
GEN_STATUS2.WAKEUP_FAULT_VIF = 1
5.8.4
Device identification (DEVICE_NAME)
The Isolated Vertical Interface (VIF) allows populating the bus with different devices of the L9965x family. To
enable the MCU quickly recognizing the device type and launching the proper initialization, configuration and
diagnostic procedures, the CHIP_ID.NAME_ID register holds a unique code identifying the product type.
Specifically, NAME_ID = 0x17 identifies the L9965T.
In the same register are also available the following fields: CHIP_ID.SILICON_ID and CHIP_ID.METAL_ID
identifying the version of the silicon.
5.9
Output pins
5.9.1
BNE
BNE is a push-pull output pin, it’s functional in NORMAL state and Hi-Z in all other states. in NORMAL state this
pin output the information on Buffer Not Empty to implement interrupt-based communication with the MCU. When
high, it means that the RX FIFO stores at least one frame. The default value is LOW.
BNE value can be read in the bit GEN_STATUS3.BNE.
Figure 17. BNE pin structure
5.9.2
FLT
FLT is a push-pull output pin, it’s functional in NORMAL state and Hi-Z in all other states.
Its purpose is to implement interrupt-based communication with the MCU. The default value is LOW.
When FLT pin and SPI FAULT are HIGH, it means that a fault tone has been received on VIF or an internal
L9965T fault, according to mask register GEN_CFG3 configuration, has been detected. The default value is LOW.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 44/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com