Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 10Page - STMicroelectronics L9965T Datasheet HTML 11Page - STMicroelectronics L9965T Datasheet HTML 12Page - STMicroelectronics L9965T Datasheet HTML 13Page - STMicroelectronics L9965T Datasheet HTML 14Page - STMicroelectronics L9965T Datasheet HTML 15Page - STMicroelectronics L9965T Datasheet HTML 16Page - STMicroelectronics L9965T Datasheet HTML 17Page - STMicroelectronics L9965T Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
In a ring topology, a FLT pin interrupt is generated from both channels of L9965T within
NVIF_STACK*TVIF_WAKEUP_TIME timeout.
When the MCU is woken up by one channel of L9965T, it is supposed to wait also for the other channel to
generate the FLT pin interrupt to confirm the daisy-chain wakeup. If such event does not occur within the
NVIF_STACK*TVIF_WAKEUP_TIME timeout, the MCU shall run the VIF chain wakeup by MCU procedure.
Figure 6. Wakeup by fault of a daisy chain device
5.1.1.1.2
Wake-up via SPI
L9965T/TS can be woken up in DEEPSLEEP, CYCLIC_COUNT and CYCLIC_WAKEUP state by any valid SPI
frame issued by MCU on the SPI Target. A wakeup condition is acknowledged when the following pattern is
received:
1. A NCS high to low transition
2. 40 SCK pulses
3. A NCS low to high transition
The TSPI_WAKEUP_TIMEOUT is started upon every NCS assertion, and the wakeup pattern shall end before timeout
expiration, otherwise it is discarded.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 14/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com