Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 34Page - STMicroelectronics L9965T Datasheet HTML 35Page - STMicroelectronics L9965T Datasheet HTML 36Page - STMicroelectronics L9965T Datasheet HTML 37Page - STMicroelectronics L9965T Datasheet HTML 38Page - STMicroelectronics L9965T Datasheet HTML 39Page - STMicroelectronics L9965T Datasheet HTML 40Page - STMicroelectronics L9965T Datasheet HTML 41Page - STMicroelectronics L9965T Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
2. Setting the CMD_TRX field in CMD_REG equal to 0xB5. This is a dedicated read command that must be sent
for all the FIFO locations to read. The command doesn’t transfer any data on the VIF interface.
3. With an SPI burst access approach to reduce the time needed to readout long data series from a single unit.
This access is achieved by MCU asserting the NCS and sending N*40 clock cycles on SCK, where N is the
number of frames to be read from FIFO. If a wrong number of clock cycle is sent by MCU, the last frame is not
reliable and the pointed FIFO location is lost. At the next access to the SPI slave, an SPI ERROR frame is
sent, and an error bit (SPI_SHORT_FRAME or SPI_LONG_FRAME) is asserted in the status register
COMM_ERR_SPI.
Figure 13. SPI burst read
5.8.2.5
RX VIF FIFO handling
The device includes two types of memory: the internal register memory, which configures the device
functionalities, and the VIF RX FIFO, which stores all frames received from the Vertical Interface. Access to these
memories is managed using a hardware pointer. This pointer changes based on the SPI request received and
points to the register whose value will be shifted out on the next MISO.
•
When the MCU sends an SPI read/write command addressing the IC's own registers, the pointer switches
to the internal register map at the end of the SPI frame.
•
When the MCU sends an SPI read/write command to pop a VIF frame from the FIFO, the pointer switches
to the FIFO at the end of the SPI frame.
•
When the MCU sends an SPI read/write command addressing an external device on the VIF bus, the
pointer switches to the FIFO at the end of the SPI frame.
The pointer's behavior is transparent when the MCU retrieves VIF data from the same transceiver used to send
the VIF request. However, it becomes visible when the MCU sends a VIF request from one transceiver and
retrieves the response from the opposite transceiver.
Referring to Figure 14, in a dual-ring topology with the bidirectional answer enabled for all devices, the MCU
reads an internal register of the high transceiver during time interval [t0-t1]. Then it sends a standard burst
command to a device along the chain from the low transceiver during time interval [t2-t3-t4].
To read the response frames from the same transceiver side, the MCU must send N FIFO POP commands during
time interval [t5-t6-…], where N is the number of burst response frames. If the MCU needs to read the responses
using the high transceiver, it must send N+2 FIFO POP commands. The first retrieves the internal register data
(requested initially) and updates the pointer to the first FIFO location [t5]. The second retrieves the burst request
(sent by the low transceiver) [t6], and the remaining N FIFO POP commands retrieve the burst answers during
time interval [t7-t8-…].
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 38/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com