Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 23Page - STMicroelectronics L9965T Datasheet HTML 24Page - STMicroelectronics L9965T Datasheet HTML 25Page - STMicroelectronics L9965T Datasheet HTML 26Page - STMicroelectronics L9965T Datasheet HTML 27Page - STMicroelectronics L9965T Datasheet HTML 28Page - STMicroelectronics L9965T Datasheet HTML 29Page - STMicroelectronics L9965T Datasheet HTML 30Page - STMicroelectronics L9965T Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
Parameter
Description
CPHA
1
5.7.1.2
SPI frame composition
The frame format to send read/write commands to L9965T/TS is shown in the table below.
Table 25. Single Read/Write frame format
DEV_ID
Address
Data write
CRC
DEV_ID
Address feedback
Data read
CRC
The fields of the MOSI/MISO frames are described in Table 26:
Table 26. SPI frame fields description
Field
Size [bit]
Description
Value
P.A.
1
Data direction
0 = Answer from device
1 = Command from MCU
R/W
1
Read/Write request
0 = Read
1 = Write
Compressed
1
Compressed data type
0 = normal frame
1 = decompressed data from a
compressed burst
DEV_ID
6
Address of the device object of the
communication. Also used for broadcast
commands.
[0-63]
Address
Address feedback
7
Register address for the Read/Write operation.
Also used for burst commands.
[0-127]
RSVD
1
Reserved
0
FAULT
1
Self-detected failure
1= failure in diagnostic routines
0= no failures
DATA WRITE
18
Specifies the register content to be written in
Write operations. Don’t care in Read operations
Read: X
Write: [0 to 218-1]
DATA READ
18
Returns the register content in both Read/Write
operations
[0 to 218-1]
CRC
6
Checksum
[0-63]
The fault/events bits contributing to the SPI MISO frame FAULT bit and FLT interrupt pin are reported in the below
table. Each fault condition is described in detail in the related paragraph.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 27/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com