Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 17Page - STMicroelectronics L9965T Datasheet HTML 18Page - STMicroelectronics L9965T Datasheet HTML 19Page - STMicroelectronics L9965T Datasheet HTML 20Page - STMicroelectronics L9965T Datasheet HTML 21Page - STMicroelectronics L9965T Datasheet HTML 22Page - STMicroelectronics L9965T Datasheet HTML 23Page - STMicroelectronics L9965T Datasheet HTML 24Page - STMicroelectronics L9965T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
5.2.3.1
Diagnostics functions
Table 12. Power supply diagnostics
Fault
type
Assertion
condition
IC reaction to assertion
Release condition
Maskable
V3V3
OV
V3V3 >
V3V3OV_TH for t
> TV3V3_OV_FIL
•
V3V3_INT_OV=1 in
GEN_STATUS1
•
The FLT pin and the SPI FAULT
is asserted in NORMAL if
MSK_V3V3_INT_OV=0 in
GEN_CFG3
Clear on read if
V3V3 < V3V3_OV_TH
+ V3V3_OV _HYS
for t>TV3V3_OV_FIL
•
V3V3_INT_OV status bit
non maskable
•
FLT pin and SPI FAULT
maskable by bit
MSK_V3V3_INT_OV in
GEN_CFG3
5.2.3.2
Electrical parameters
Table 13. Power supply electrical parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
V3V3OV_TH
Overvoltage threshold
3.45
3.71
3.97
V
V3V3OV_HYS
Undervoltage hysteresis
10
60
mV
T3V3_OV_FIL
OV filter time
Tested by SCAN
17
23
µs
5.2.4
5V LDO (V5V)
This is the 5V LDO:
•
It is fed by VB main supply
•
It feeds the Isolated Vertical Interface (VIF)
5.2.4.1
Diagnostic functions
The undervoltage, overvoltage (caused by external load on V5V pin) and overcurrent (short-to-GND scenario)
conditions are covered by dedicated diagnostics.
The V5V pin is protected by a thermal sensor and shut-down comparator. For this diagnostic, refer to Section 5.4.
All V5V monitoring features are available in NORMAL and CYCLIC_WAKEUP states.
Table 14. V5V LDO diagnostics
Fault
type
Assertion
condition
IC reaction to assertion
Release condition
Maskable
V5V
UV
VV5V < VV5V_UV_TH
for t >
TV5V_UV_OV_FIL
•
V5V_UV = 1 in
GEN_STATUS1
•
The FLT pin and the SPI
FAULT is asserted in
NORMAL if
MSK_V5V_UV=0 in
GEN_CFG3
Clear on read if
VV5V > VV5V_UV_TH +
VV5V_UV_HYS
for t>TV5V_UV_OV_FIL
•
V5V_UV status bit non
maskable
•
FLT pin and SPI FAULT
maskable by bit
MSK_V5V_UV in
GEN_CFG3
V5V
OV
VV5V > VV5V_OV_TH
for t>
TV5V_UV_OV_FIL
•
V5V_OV = 1 in
GEN_STATUS1
•
The FLT pin and the SPI
FAULT is asserted in
NORMAL if
MSK_V5V_OV=0 in
GEN_CFG3
Clear on read if
VV5V < VV5V_OV_TH -
VV5V_OV_HYS
for t>TV5V_UV_OV_FIL
•
V5V_OV status bit non
maskable
•
FLT pin and SPI FAULT
maskable by bit
MSK_V5V_OV in
GEN_CFG3
V5V
OC
IV5V > ITH_OC_V5V
for t> tFLT_OC_V5V
•
V5V_OC = 1 in
GEN_STATUS3
Clear on read if
IV5V < VV5V_OV_TH -
VV5V_OV_HYS
•
V5V_OC status bit non
maskable
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 21/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com