Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 12Page - STMicroelectronics L9965T Datasheet HTML 13Page - STMicroelectronics L9965T Datasheet HTML 14Page - STMicroelectronics L9965T Datasheet HTML 15Page - STMicroelectronics L9965T Datasheet HTML 16Page - STMicroelectronics L9965T Datasheet HTML 17Page - STMicroelectronics L9965T Datasheet HTML 18Page - STMicroelectronics L9965T Datasheet HTML 19Page - STMicroelectronics L9965T Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
5.1.2.1
CYCLIC_WAKEUP State operation
To configure CYCLIC_WAKEUP state the following procedure must be followed.
Procedure 1: Set up of CYCLIC_WAKEUP state
1. Program the proper TCYCLIC_ WAKEUP in GEN_CFG5.WAKEUP_CYCLIC_TIMEOUT_SENDER_SEL register
2. Enable the CYCLIC_WAKEUP by setting the GEN_CFG5.WAKEUP_CYCLIC_ENB bit in GEN_CFG5 register
3. Send a global broadcast GO2SLP command (Section 5.8.3.3) to move all the ICs in low power mode
4. L9965T/TS moves to CYCLIC_COUNT state. The value of the cyclic counter during CYCLIC_COUNT state is
stored in GEN_STATUS2.WAKEUP_CYCLIC_TRX_COUNTER. The LSB of this register is 4.096e-3 seconds.
Step 1, 2 and 3 of the above procedure must be applied on both channels of the L9965T if configured in ring
topology.
The system operates as shown in Figure 8 according to the daisy-chain topology.
Ring topology:
•
Dual transceiver scenario: the two L9965T channels should be configured by the MCU in sender (setting
GEN_CFG5.WAKEUP_CYCLIC_SENDER bit) and listener (setting CFG5.WAKEUP_CYCLIC_ LISTENER
bit) modes.
•
Single transceiver scenario: If the devices are connected in single access daisy chain, the last L9965A
device in the chain can be configured to propagate backward the CYCLIC_WAKEUP tone. In this case the
single transceiver channel should be configured by the MCU in sender (setting
GEN_CFG5.WAKEUP_CYCLIC_SENDER bit).
•
As sender, the transceiver has the VIF RX and VIF TX both enabled. After TCYCLIC_WAKEUP the sender
moves from CYCLIC_COUNT to CYCLIC_WAKEUP state, performs the internal diagnosis (see
Section 5.1.2.2) and, if no faults are present, it sends a CYCLIC_WAKEUP tone on the VIF to wake up one
by one the devices on the daisy chain, then changes his role to listener, set the timer threshold at
TCYCLIC_WAKEUP_TIMEOUT, and moves again to CYCLIC_COUNT state.
•
The listener (can be either the The transceiver channel on the opposite end of the ring, or the single
transceiver switched from sender in the previous step) has the VIF RX enabled and VIF TX disabled. If the
CYCLIC_WAKEUP tone arrives within TCYCLIC_WAKEUP_TIMEOUT, the “no fault” condition is acknowledged,
the listener changes his role to sender, the timer is reset to count until TCYCLIC_WAKEUP and the cycle starts
again in the opposite direction.
•
If the CYCLIC_WAKEUP tone is not received within TCYCLIC_WAKEUP_TIMEOUT when transceiver is listener,
it moves to NORMAL state and asserts the WKP and FLT pins (to wake up the MCU) and set
GEN_STATUS2.WAKEUP_CYCLIC_TRX_TIMEOUT bit.
•
If during the internal diagnosis phase a fault is asserted, the device moves to NORMAL state. According to
fault detection mask registers GEN_CFG2 and GEN_CFG3, fault detection is notified by the FLT pin
(asserted HIGH) and reported on the FAULT bit of the SPI MISO frame shown in Table 26. Depending on
its configuration (see Section 5.9.3) also WKP pin may be asserted HIGH in case of faults. In this case no
CYCLIC_WAKEUP tone is generated.
Single access: L9965TS channel moves to CYCLIC_WAKEUP state, performs the diagnostics in Section 5.1.2.2
and generates a CYCLIC_WAKEUP tone every TCYCLIC_WAKEUP period. The transceiver is sensitive to fault
wakeup from VIF and wakeup by MCU.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 16/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com