Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 25Page - STMicroelectronics L9965T Datasheet HTML 26Page - STMicroelectronics L9965T Datasheet HTML 27Page - STMicroelectronics L9965T Datasheet HTML 28Page - STMicroelectronics L9965T Datasheet HTML 29Page - STMicroelectronics L9965T Datasheet HTML 30Page - STMicroelectronics L9965T Datasheet HTML 31Page - STMicroelectronics L9965T Datasheet HTML 32Page - STMicroelectronics L9965T Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
Table 28. SPI Target CRC calculation information
Parameter
Value
Length
6 bit
Polynomial
x6 + x5 + x2 + x + 1
Seed
0x38
5.7.1.4
SPI error management
The SPI communication is covered by several checks, described in Table 29 below. In case the frame received by
L9965T/TS on SPI is not correct, it is discarded, the corresponding error bit is asserted in the status register
COMM_ERR_SPI and at successive SPI access an SPI ERROR frame is issued with a specific bit set according
to the error (see Section 5.8.3.7).
Table 29. SPI Errors
Fault type
Assertion
condition
IC reaction to assertion
Release
condition
Maskable
SPI VIF_ID ERR
Wrong VIF ID in
previous received
frame
•
Frame is discarded
•
SPI_VIF_ID_ERR = 1 in COMM_ERR_SPI
•
Next SPI MISO frame is the SPI ERROR frame
Clear on read
No
SPI COMM_CRC
ERR
Wrong CRC in
previous received
frame
•
Frame is discarded
•
SPI_COMM_CRC_ERR = 1 in
COMM_ERR_SPI
•
Next SPI MISO frame is the SPI ERROR frame
Clear on read
No
SPI
WRONG_ADDR
Wrong address in
previous received
frame
•
Frame is discarded
•
SPI_WRONG_ADDR = 1 in COMM_ERR_SPI
•
Next SPI MISO frame is the SPI ERROR frame
Clear on read
No
SPI
SHORT_FRAME
Short frame error
(previous frame
shorter than 40 bit)
•
Frame is discarded
•
SPI_ SHORT_FRAME = 1 in
COMM_ERR_SPI
•
Next SPI MISO frame is the SPI ERROR frame
Clear on read
No
SPI LONG_FRAME
Long frame error
(previous frame
longer than 40 bit)
•
Frame is discarded
•
SPI_ LONG_FRAME = 1 in COMM_ERR_SPI
•
Next SPI MISO frame is the SPI ERROR frame
Clear on read
No
5.7.1.5
Electrical parameters
The SPI timings shown in the figure below are reported in Table 30.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 29/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com