Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 51Page - STMicroelectronics L9965T Datasheet HTML 52Page - STMicroelectronics L9965T Datasheet HTML 53Page - STMicroelectronics L9965T Datasheet HTML 54Page - STMicroelectronics L9965T Datasheet HTML 55Page - STMicroelectronics L9965T Datasheet HTML 56Page - STMicroelectronics L9965T Datasheet HTML 57Page - STMicroelectronics L9965T Datasheet HTML 58Page - STMicroelectronics L9965T Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
Table 54. LQFP32L (7x7x1.4 mm 5V FULL PLASTIC) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
θ
0°
3.5°
7°
θ1
0°
-
-
θ2
10°
12°
14°
θ3
10°
12°
14°
A
-
-
1.60
A1
0.05
-
0.15
A2
1.35
1.40
1.45
b
0.30
0.37
0.45
b1
0.30
0.35
0.40
c
0.09
-
0.20
c1
0.09
-
0.16
D
9.00 BSC
D1
7.00 BSC
e
0.80 BSC
E
9.00 BSC
E1
7.00 BSC
L
0.45
0.60
0.75
L1
1.00 BSC
N
32
R1
0.08
-
-
R1
0.08
-
0.20
S
0.20
-
-
Tolerance of form and position
aaa
0.20
bbb
0.20
ccc
0.10
ddd
0.20
L9965T/L9965TS
Package information
DS14987 - Rev 1
page 55/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com