Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 42Page - STMicroelectronics L9965T Datasheet HTML 43Page - STMicroelectronics L9965T Datasheet HTML 44Page - STMicroelectronics L9965T Datasheet HTML 45Page - STMicroelectronics L9965T Datasheet HTML 46Page - STMicroelectronics L9965T Datasheet HTML 47Page - STMicroelectronics L9965T Datasheet HTML 48Page - STMicroelectronics L9965T Datasheet HTML 49Page - STMicroelectronics L9965T Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Table 45. WKP pin truth table
WKP_DIS
WKP_SET
WKP pin status
0
X
1
1
0
0
1
1
1
WKP pin should be used to drive the wake-up terminal of the system’s power management device. It should not
be used as a switch for power management supply itself. This terminal is not reverse battery protected and thus
should not be connected outside of the system module.
5.9.4
Diagnostic functions
In NORMAL mode a short to GND/VIO detection is implemented to protect the pins output buffer through a
coherency check between the driving signal and the pin value.
In case of short to GND, the WKP pin is protected with thermal shutdown, see Section 5.4 for further details.
Table 46. Interrupt pins diagnostic functions
Fault
type
Assertion condition
IC reaction to assertion
Release
condition
IC reaction to
release
Maskable
BNE
short
to
GND
or VIO
BNE pin ≠
GEN_STATUS3.BNE
in NORMAL
•
BNE_ERR = 1 in
GEN_STATUS1
•
The FLT pin and the SPI
FAULT is asserted in
NORMAL if
MSK_BNE_ERR=0 in
GEN_CFG3
•
The output buffer is put
in HiZ
Clear on
read
•
The driver
is
reengaged
•
BNE_ERR = 1 in
status bit non
maskable
•
FLT pin and SPI
FAULT maskable by
bit MSK_BNE_ERR
in GEN_CFG3
FLT
short
to
GND
or VIO
FLT pin ≠ SPI MISO
frame bit 24
•
FLT_ERR = 1 in
GEN_STATUS1
•
The SPI FAULT is
asserted in NORMAL if
MSK_FLT_ERR=0 in
GEN_CFG3
•
The output buffer is put
in HiZ
Clear on
read
•
The driver
is
reengaged
•
FLT_ERR = 1 in
status bit non
maskable
•
SPI FAULT
maskable by bit
MSK_FLT_ERR in
GEN_CFG3
WKP
short
to
GND
or VIO
WKP pin ≠
GEN_STATUS3.
WKP_STATUS in
NORMAL
•
WKP_ERR = 1 in
GEN_STATUS1
•
The FLT pin and the SPI
FAULT is asserted in
NORMAL if
MSK_WKP_ERR =0 in
GEN_CFG3
•
The output buffer is put
in HiZ
Clear on
read
•
The driver
is
reengaged
•
WKP_ERR = 1 in
status bit non
maskable
•
FLT pin and SPI
FAULT maskable by
bit MSK_WKP_ERR
in GEN_CFG3
5.9.5
Electrical parameters
Table 47. Output buffer electrical characteristics
Symbol
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
PIN
VOUT_L
Low output level
I=2mA
0.4
V
BNE FLT
VOUT_H
High output level
I=-2mA
VIO-0.4
V
BNE FLT
TOUT_trans Digital output Rise and Fall time.
Cload=100pF 20-80% on rising
edge, OUT 80-20% on falling
edge
5
400
ns
BNE FLT
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 46/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com