Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 46Page - STMicroelectronics L9965T Datasheet HTML 47Page - STMicroelectronics L9965T Datasheet HTML 48Page - STMicroelectronics L9965T Datasheet HTML 49Page - STMicroelectronics L9965T Datasheet HTML 50Page - STMicroelectronics L9965T Datasheet HTML 51Page - STMicroelectronics L9965T Datasheet HTML 52Page - STMicroelectronics L9965T Datasheet HTML 53Page - STMicroelectronics L9965T Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
5.12.3.1
Diagnostic functions
Table 51. NVM cyclic check diagnostic functions
Fault type
Assertion
condition
IC reaction to assertion
Release
condition
Maskable
NVM Trimming
Cyclic check
fail
At least one of
the trimming
sectors has
failed the cyclic
CRC check
•
TRIM_CYC_CRC_FAIL =
1 in GEN_STATUS1
Clear on
read
•
Check disabled by
GENERAL_REG.CYC_CRC_DIS =
1
NVM
Configuration
Cyclic check
fail
At least one of
the configuration
sectors has
failed the cyclic
CRC check
•
CONF_CYC_CRC_FAIL =
1 in GEN_STATUS1
Clear on
read
•
Check disabled by
GENERAL_REG.CYC_CRC_DIS =
1
5.12.3.2
Electrical parameters
Table 52. Configuration integrity check characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tCONF_CRC
Configuration integrity check period
Tested by SCAN
25
30
ms
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 50/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com