Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 43Page - STMicroelectronics L9965T Datasheet HTML 44Page - STMicroelectronics L9965T Datasheet HTML 45Page - STMicroelectronics L9965T Datasheet HTML 46Page - STMicroelectronics L9965T Datasheet HTML 47Page - STMicroelectronics L9965T Datasheet HTML 48Page - STMicroelectronics L9965T Datasheet HTML 49Page - STMicroelectronics L9965T Datasheet HTML 50Page - STMicroelectronics L9965T Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
Symbol
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
PIN
RBNE_PD
BNE weak pulldown resistor to GND
0.4
1
1.6
MΩ
BNE
RFLT_PD
FLT weak pulldown resistor to GND
0.4
1
1.6
MΩ
FLT
IWKP
WKP output current
2
4
mA
WKP
VWKP_DROP
Voltage drop from
VB to WKP
IWKP = -0.5mA
0.5
1
V
WKP
VWKP_DET Threshold to set WKP_STATUS to '1' WKP_SET =1
1.5
V
WKP
5.10
Configuration lock (UNLOCK_KEY)
To prevent inadvertent modification of Safety Relevant Registers (SRR) and Safety Latent Registers (SLR)
(indicated in the register map) such register map sectors are protected by a lock field.
By default, SRR/SLR registers are locked. To configure the device, the following procedure shall be implemented:
Procedure 3: Configuration Lock/Unlock
1. Write 0x55 in the SPECIAL_REG.SPECIAL_KEY register to enter in partial unlock
2. Write 0x33 in the SPECIAL_REG.SPECIAL_KEY register to confirm the unlock
3. Any configuration register must be written within TCFG_TIMEOUT
a. If the TCFG_TIMEOUT expires, the lock is automatically re-applied
4. Write 0xAA in the SPECIAL_REG.SPECIAL_KEY to re-apply the lock.
Trying to write a protected register (SRR or SLR) without unlocking it before results in command being ignored.
Writing lock protected registers only changes the current configuration loaded in the SPI registers. To save the
configuration and guarantee a correct reload at each powerup, the update has to be pushed into the Non-Volatile
Memory (NVM) as described in Section 5.12.
Note:
For temporary modifications to the IC configuration, which do not need to be pushed in the Non-Volatile Memory
(NVM), it is recommended to disable the Configuration Register Data Integrity Check (CONF_CRC).
Note:
5.10.1
Electrical parameters
Table 48. Configuration lock electrical parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
TCFG_TIMEOUT
Configuration lock timeout
Tested in SCAN
2
s
5.11
Software reset (SW_RST)
It is possible to reset the device configuration sending a SW_RST sequence.
Once triggered, the software reset procedure resets all SPI registers to their default values, including the lock
protected ones.
The software reset procedure also acts on SPI registers clear on read flags depending on their diagnosis source:
•
Runtime diagnosis: VB_UV, V3V3_INT_OV, V5V_OV, V5V_UV, V5V_OT, WKP_OT, GND_LOSS,
TRIM_CYC_CRC_FAIL, CONF_CYC_CRC_FAIL, OSC_FAIL, FLT_ERR, WKP_ERR, BNE_ERR,
V5V_OC, TSD). These status bits are cleared by sw reset only if faults are no more detected.
•
One time diagnosis without results retention (analog comparators BIST and oscillator monitor BIST):
POR_SLEEP_ASSERTED, WAKEUP_CYCLIC_END, WAKEUP_CYCLIC_TRX_TIMEOUT,
BIST_ANA_DONE, BIST_ANA_FAIL, BIST_OSC_DONE, BIST_OSC_FAIL. In this case the status bits are
always cleared by sw reset.
•
One time diagnosis with results retention: TRIM_NVM_CRC_FAIL, CONF_NVM_CRC_FAIL,
NVM_VERIFY_ERR. These status bits are cleared by sw reset only if diagnosis ends with no fault
detected.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 47/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com