Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 38Page - STMicroelectronics L9965T Datasheet HTML 39Page - STMicroelectronics L9965T Datasheet HTML 40Page - STMicroelectronics L9965T Datasheet HTML 41Page - STMicroelectronics L9965T Datasheet HTML 42Page - STMicroelectronics L9965T Datasheet HTML 43Page - STMicroelectronics L9965T Datasheet HTML 44Page - STMicroelectronics L9965T Datasheet HTML 45Page - STMicroelectronics L9965T Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
Note:
After a wakeup frame, an interframe time of at least 20 µs should be considered before sending any other
frames.
Table 38. IC reaction to WAKEUP frame
IC STATE
IC reaction upon frame receipt
NORMAL
•
L9965T/TS answers to SPI frame as described in Section 5.8.2.1, Section 5.8.2.2, or
Section 5.8.2.3
CYCLIC_WAKEUP
CYCLIC_COUNT
•
Device moves to NORMAL within TVIF_WAKEUP_TIME
•
The sender/listener states of the L9965T is latched in the WAKEUP_CYCLIC_TRX_SENDER
•
Or WAKEUP_CYCLIC_TRX_LISTENER bits in register GEN_STATUS2
•
GEN_STATUS2.WAKEUP_FAULT_SPI = 1
•
The frame is not decoded
DEEPSLEEP
•
Device moves to NORMAL within TVIF_WAKEUP_TIME
•
GEN_STATUS2.WAKEUP_FAULT_SPI = 1
•
The frame is not decoded
5.8.3.3
SPI GO2SLEEP command
This command can be sent by MCU SPI writing the data 0xCC in SPECIAL_REG to put the L9965T/TS in SLEEP
state. If the address of the frame is for broadcast write, the device sends a proper tone on daisy-chain to put the
whole chain in SLEEP state and then it moves to SLEEP state.
Note:
After GOTOSLEEP frame an interframe time of at least 20 µs should be considered before sending any other
frame.
Table 39. IC reaction to GO2SLEEP Frame
IC STATE
IC reaction upon frame receipt
NORMAL
•
If sent only to Transceiver DEV_ID, L9965T will move to DEEP SLEEP state if the
CYCLIC_WAKEUP is not enabled. In case the CYCLIC_WAKEUP is enabled will move to CYCLIC
COUNT state.
•
If sent as broadcast frame, the L9965T will propagate the GO2SLEEP tone on the VIF and then
moves to SLEEP state
CYCLIC_WAKEUP
CYCLIC_COUNT
•
Device moves to NORMAL within TVIF_WAKEUP_TIME.
•
The sender/listener states of the L9965T is latched in the WAKEUP_CYCLIC_TRX_SENDER
•
Or WAKEUP_CYCLIC_TRX_LISTENER bits in register GEN_STATUS2
•
GEN_STATUS2. WAKEUP_FAULT_SPI = 1
•
The frame is not decoded
DEEPSLEEP
•
Device moves to NORMAL within TVIF_WAKEUP_TIME.
•
GEN_STATUS2. WAKEUP_FAULT_SPI = 1
•
The frame is not decoded
5.8.3.4
SPI Default frame
Since the protocol is out of frame, the first answer issued by the IC when, after a wakeup condition, it moves to
NORMAL from DEEP SLEEP, CYCLIC COUNT or CYCLIC_WAKEUP state is the frame 0x0000000010.
Table 40. SPI Default frame
DEV_ID
0x00
Address feedback
0x00
DATA read
0x00
CRC
0x10
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 42/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com