Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 22Page - STMicroelectronics L9965T Datasheet HTML 23Page - STMicroelectronics L9965T Datasheet HTML 24Page - STMicroelectronics L9965T Datasheet HTML 25Page - STMicroelectronics L9965T Datasheet HTML 26Page - STMicroelectronics L9965T Datasheet HTML 27Page - STMicroelectronics L9965T Datasheet HTML 28Page - STMicroelectronics L9965T Datasheet HTML 29Page - STMicroelectronics L9965T Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
As shown in Figure 9 below, the SPI frame from MCU is temporarily stored in the VIF port TX FIFO (depth 1) to
be transmitted to the chained device, while the incoming frames from VIF are stored in the RX FIFO (depth 32),
where they can be read by the MCU. For the communication protocol details, see Section 5.8.
Figure 9. SPI – VIF interface management
5.7.1
SPI target
The registers of both the L9965T/TS and all the L9965x devices connected by VIF on the daisy chain can be
accessed by MCU when devices are in NORMAL state, performing read/write operations on the transceiver
through SPI.
SPI port is available for communication only in NORMAL functional state. In DEEPSLEEP, CYCLIC_COUNT and
CYCLIC_WAKEUP states only NCS and SCLK pins are active to recognize the wake-up sequence.
5.7.1.1
Physical layer
The SPI target peripheral pins and settings are described below.
Table 23. SPI pins description
PIN
Function
I/O type
Notes
Active states
NCS Chip Select
Digital In
weak pullup RIN_PU
DEEPSLEEP, CYCLIC_COUNT and
CYCLIC_WAKEUP (to recognize the wake-up
sequence)
NORMAL
SDI
Serial Data Input
Digital In
weak pulldown RIN_PD(1)
NORMAL
SDO Serial Data Output Digital Out
The output buffer is connected
to VIO
NORMAL
SCLK Serial Clock
Digital In
weak pulldown RIN_PDa
DEEP_SLEEP, CYCLIC_COUNT and
CYCLIC_WAKEUP (to recognize the wake-up
sequence)
NORMAL
1. Weak pull-down resistors on SDI and SCLK pins and weak pull-up on NCS pin are always enabled to address open failures.
Table 24. SPI overview
Parameter
Description
Protocol
Out of frame
Single frame length
40 bits
Frame protection
6-bit CRC
Max. Frequency
10 MHz
CPOL
0
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 26/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com