Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 33Page - STMicroelectronics L9965T Datasheet HTML 34Page - STMicroelectronics L9965T Datasheet HTML 35Page - STMicroelectronics L9965T Datasheet HTML 36Page - STMicroelectronics L9965T Datasheet HTML 37Page - STMicroelectronics L9965T Datasheet HTML 38Page - STMicroelectronics L9965T Datasheet HTML 39Page - STMicroelectronics L9965T Datasheet HTML 40Page - STMicroelectronics L9965T Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
The SPI frame sent to MCU (see Table 25) contains:
•
Bit 38: Compressed = 1
•
The DEV_ID of the particular L9965A addressed in the burst request
•
The Address feedback field:
–
0x38 to 0x49 (VCELLx_MEAS) depending on the enabled cells in L9965A. If a particular cell is not
enabled or it is configured as busbar (according to VCELL<x>_BB) the corresponding
VCELLx_MEAS register is not present in the FIFO
–
0x4A (BB_MEAS) if the Bus Bar measurement is enabled. If not enabled, the BB_MEAS register is
not present in the FIFO
–
0x4B (VBS_MEAS) if the VBS measurement is enabled. If not enabled, the VBS_MEAS register is
not present in the FIFO
–
0x4D to 0x56 (NTC_GPIO_MEAS_x) depending on the GPIO setting in L9965A. If a particular GPIO
is not enabled or it is masked the corresponding register is not present in the FIFO
•
The FAULT bit is set according to the GSW of the addressed L9965A
•
The DATA READ is composed according to the register structure (for more information, see the L9965A
datasheet)
•
The CRC of the frame.
In case of standard burst, single packet sent with an interframe time is received on VIF RX and is stored in FIFO
RX with the same approach of a single read.
5.8.2.3
Broadcast write
A broadcast write command allows simultaneous writing of the same data on all devices in a chain, or on a
subset.
The MCU can exploit different broadcast commands by programming the DEV_ID field of the SPI MOSI frame
(see Table 25). There are two types of broadcast commands, configured as described in table below:
Table 36. Broadcast commands
Type
DEV_ID
Purpose
Notes
Global
broadcast
0x0
•
Chain device addressing, for all devices in the
stack
•
Writing common configurations to all devices in
the stack
•
Executing common tasks for all devices in the
stack
•
Transceivers can
only be addressed
via SPI target
Selective
broadcast
0x3C +
BROADCAST_SEL_<x>
•
Writing common configurations to a specific
subset of devices in the stack
•
Executing common tasks to a specific subset of
devices in the stack
BROADCAST_SEL_<x> is a 2-bit field allowing sending commands to a subset of chained devices. The
command is accepted if the BROADCAST_SEL_<x> is equal to the BROADCAST_SEL_1 or
BROADCAST_SEL_2 in GEN_CFG1 register.
If the DEV_ID field of the frame is equal to a global or selective broadcast filter, the IC sends it to the VIF if the
SPI frame is correct (in terms of length, CRC).
The devices addressed are those programmed with matching BROADCAST_SEL_<x> value.
In both cases the next MISO frame is an echo of the SPI command (DEV_ID and Address).
The ICs on the VIF chain don’t generate answer upon receipt of broadcast commands.
The registers that can be addressed by broadcast write are reported in the registers map.
5.8.2.4
Read VIF received frames
All the frames received from VIF, already decompressed if necessary, are stored in the VIF RX FIFO.
The MCU accesses the frames in the RX FIFO:
1. With a single read/write frame (see Section 5.8.2.1).
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 37/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com