Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 36Page - STMicroelectronics L9965T Datasheet HTML 37Page - STMicroelectronics L9965T Datasheet HTML 38Page - STMicroelectronics L9965T Datasheet HTML 39Page - STMicroelectronics L9965T Datasheet HTML 40Page - STMicroelectronics L9965T Datasheet HTML 41Page - STMicroelectronics L9965T Datasheet HTML 42Page - STMicroelectronics L9965T Datasheet HTML 43Page - STMicroelectronics L9965T Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
Procedure 2: Burst request from transceiver A and response from transceiver B, when the pointer of transceiver
B already points to the RX FIFO
1. Send an SPI burst request to the target device along the chain through one of the two transceivers in the
chain (see Section 5.8.2.2).
2. Wait to receive the N response frames to the burst.
3. From transceiver B, send one frame to pop from the FIFO the burst request sent by transceiver A.
4. From transceiver B, send N frames to pop from the FIFO the related N responses of burst.
Procedure 3: Burst request from transceiver A and response from transceiver B, when the pointer of transceiver
B points to its internal register
1. Send an SPI burst request to the target device along the chain through one of the two transceivers in the
chain (see Section 5.8.2.2).
2. Wait to receive the N response frames to the burst.
3. From transceiver B, send a FIFO pop frame to point to the FIFO memory (the MISO will contain the data of the
internal register read before).
4. From transceiver B, send one SPI frame to pop from the FIFO the burst request sent by transceiver.
5. From transceiver B, send N SPI frames to pop from the FIFO the related N responses of burst.
5.8.2.6
Chained devices wakeup requested by MCU
The wakeup of the devices on the VIF bus requested by MCU is an asynchronous event with respect to the
CYCLIC_WAKEUP thread managed in background by the L9965T/TS.
Figure 16 shows a typical application scenario where the MCU wakes up the daisy-chain that was previously
operating in CYCLIC_WAKEUP mode.
To wake up the daisy-chain:
1. The MCU moves both L9965T channels to NORMAL state
2. The MCU waits for the L9965T wakeup period (TWAKEUP)
3. The MCU checks the internal status bit of both L9956T channels (WAKEUP_CYCLIC_TRX_SENDER,
WAKEUP_CYCLIC_TRX_LISTENER in register GEN_STATUS2) to determine which one is operating in
SENDER mode, and sends it a SPI FAULT/WAKEUP command (see par 5.8.3.1) to be propagated on the VIF.
This guarantees that CYCLIC_WAKEUP and FAULT/WAKEUP tones travel in the same direction to avoid
conflicts.
4. The listener channel of the transceiver, receiving the FAULT/WAKEUP tone from the VIF, assert the FLT pin.
5. Waking up the whole daisy chain will take approximately NVIF_STACK*TVIF_WAKEUP_TIME, and is confirmed by
the FLT interrupt generated by the listener L9965T channel, once it receives the FAULT/WAKEUP tone
a. The MCU is supposed to check the L9965T status register to verify that the FLT/WAKEUP source flag is
asserted. As shown in Figure 12, it is possible that a CYCLIC_WAKEUP tone reaches the LISTENER
transceiver before the FAULT/WAKEUP tone arrives. In such case, the MCU shall anyway wait for the
FAULT/WAKEUP tone to consider the daisy-chain fully woken up.
L9965T/L9965TS
Functional description
DS14987 - Rev 1
page 40/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com