Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9965T Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9965T
Description  Automotive SPI to isolated SPI transceiver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9965T Datasheet HTML 7Page - STMicroelectronics L9965T Datasheet HTML 8Page - STMicroelectronics L9965T Datasheet HTML 9Page - STMicroelectronics L9965T Datasheet HTML 10Page - STMicroelectronics L9965T Datasheet HTML 11Page - STMicroelectronics L9965T Datasheet HTML 12Page - STMicroelectronics L9965T Datasheet HTML 13Page - STMicroelectronics L9965T Datasheet HTML 14Page - STMicroelectronics L9965T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
4
Current consumption
L9965T/TS are supplied by VBx pins, which are used to generate all the regulated supplies of related transceiver
die.
When used in BEV/PHEV systems, the IC is usually placed in the LV battery junction box, where it is usually
supplied by the 12 V battery supply.
Current consumption is reported in different operating modes. Refer to Section 5.1 for functional state definitions.
Table 6. Current consumption for each die
Symbol
Parameter
Test condition
Min Typ Max Unit Pin
IVB(DEEPSLEEP)
Supply Current
DEEPSLEEP
-40°C ≤ Tamb ≤ +85°C
4
10
µA
VB
IVB(DEEPSLEEP)
Supply Current
DEEPSLEEP
+85°C ≤ Tamb ≤+125°C
10
15
µA
VB
IVB(CYCLIC)
Consumption from VB pin
when wakeup timer is
active
CYCLIC_COUNT Mode -40°C ≤ Tamb ≤
+85°C
30
37
µA
VB
IVB(CYCLIC)
CYCLIC_COUNT Mode +85°C ≤ Tamb
≤+125°C
40
45
µA
VB
IVB(NORMAL)
Supply Current
NORMAL no current on WKP pin
1.6
2
mA
VB
IVIO(DEEPSLEEP,
CYCLIC_COUNT)
VIO Supply Current
DEEPSLEEP
CYCLIC_COUNT
1
µA
VIO
IVIO(NORMAL)
VIO Supply Current
NORMAL state, BNE and FLT pins idle
490 600
µA
VIO
L9965T/L9965TS
Current consumption
DS14987 - Rev 1
page 11/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com