Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM098C-TR Datasheet (PDF) - STMicroelectronics

STPM098C-TR Datasheet PDF - STMicroelectronics
Part # STPM098C-TR
Download  STPM098C-TR Download
File Size   4710.34 Kbytes
Page   110 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive dual digital 8-phase controller with PMBus™

STPM098C-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
STPM098C-TR Datasheet PDF - STMicroelectronics

Part # STPM098C-TR
Download  STPM098C-TR Click to download

File Size   4710.34 Kbytes
Page   110 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive dual digital 8-phase controller with PMBus™

STPM098C-TR Datasheet (HTML) - STMicroelectronics


STPM098C-TR Product details

Features
• AEC-Q100 qualified
• Phase assignment between two loops: 8+0 to 4+4
• Output voltage range: 0.5 V to 2 V
• Switching frequency range: 200 kHz to 1.5 MHz
• Programmable dynamic phase shedding operation for light loads and active
diode emulation for very light loads
• High-performance digital control Loop
• Embedded CPU ARM Cortex™ M0+ at 40 MHz
• Embedded NVM (nonvolatile memory)
• PMBus™ rev 1.2 (max freq. 400 kHz)
• Full ISO26262 compliant, ASIL-D systems ready
• Protection and diagnostic
– PMBus™ readable input telemetry (voltage, current, power)
– PMBus™ configurable overcurrent, undervoltage and over-power
diagnostics and protection on input metrics
– PMBus™ readable output telemetry (voltage, current, temperature) for
each loop
– PMBus™ configurable under/overcurrent, under/overvoltage diagnostics
and protection on output metrics for each loop
– PMBus™ configurable thermal warning and thermal shutdown
diagnostics and protection on the output stage for each loop
– PMBus™ readable single-phase current telemetry
– PMBus™ configurable single-phase overcurrent diagnostics and
protection
– PMBus™ configurable general-purpose UV/OV diagnostic thorough pin
AUX_SENSE
– Feedback loop disconnection diagnostics
– Internal overtemperature diagnostics and protection
– PMBus™ readable Tj measurement
– Ground loss diagnostics
– System clock monitoring
– Power supply pins VCC, VREF1, VREF2 overvoltage and undervoltage
diagnostics
– Fault status flag output through SM_ALERT, FAULT, VRRDY1, VRRDY2
pins




Similar Part No. - STPM098C-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STPM01 ETC-STPM01 Datasheet
137Kb / 9P
PROGRAMMABLE SINGLE PHASE ENERGY METERING IC WITH TAMPER DETECTION
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01 STMICROELECTRONICS-STPM01 Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
STPM01FTR STMICROELECTRONICS-STPM01FTR Datasheet
1Mb / 60P
Programmable single phase energy metering IC with tamper detection
09-Jun-2011
More results


Similar Description - STPM098C-TR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL8800ALAFTK INTERSIL-ZL8800ALAFTK Datasheet
1Mb / 84P
Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
September 14, 2015
ZL8801ALAFTK INTERSIL-ZL8801ALAFTK Datasheet
1Mb / 87P
Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
March 27, 2015
ZL8802ALAFT INTERSIL-ZL8802ALAFT Datasheet
2Mb / 91P
Dual Channel/Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
December 11, 2015
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Renesas Technology Corp
ISL68124 RENESAS-ISL68124 Datasheet
1Mb / 46P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
ISL68144 RENESAS-ISL68144 Datasheet
2Mb / 48P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus for Cavium
ZL8800 RENESAS-ZL8800 Datasheet
3Mb / 88P
Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
ZL8801 RENESAS-ZL8801 Datasheet
2Mb / 87P
Dual Phase PMBus??ChargeMode??Control DC/DC Digital Controller
logo
STMicroelectronics
STPDDC60 STMICROELECTRONICS-STPDDC60 Datasheet
97Kb / 3P
Universal digital multicell controller with PMBus™
06-Mar-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com