Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPDDC60 Datasheet (PDF) - STMicroelectronics

STPDDC60 Datasheet PDF - STMicroelectronics
Part # STPDDC60
Download  STPDDC60 Download
File Size   97.93 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Universal digital multicell controller with PMBus™

STPDDC60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPDDC60 Datasheet PDF - STMicroelectronics

Part # STPDDC60
Download  STPDDC60 Click to download

File Size   97.93 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Universal digital multicell controller with PMBus™

STPDDC60 Datasheet (HTML) - STMicroelectronics


STPDDC60 Product details

Features
• High performance resonant / non-resonant digital control loop STVCOT™
• Drives up to 6 cells with STPRDC01 and STPRDC02, from 50 W up to > 300 W
• Compliant with Intel VR13, VR13.HC and AVS protocols
• Fully configurable through PMBus™ rev1.2
– Telemetry for primary and secondary
– Full IC configuration / management
– Voltage positioning
• Advanced power management
– Auto cell shedding with PFM
– Low power 1.8 V logic
• Programmable protections
– OV / UV and FB disconnection
– Analog and digital overcurrent protection (OCP)
– Current sharing warning
– Black box recorder (BBR)
– Catastrophic fault precursor (CFP)
• Embedded non-volatile memory (NVM)
• Primary μC interface for telemetry (PuC)
• Single-wire synchronous rectifier driver
• RST and EN1V8 for low power mode
• VFQFPN68, 8x8 mm package

Description
The STPDDC60 is a high performance digital controller featuring the innovative and
patented resonant / non-resonant ST VCOT™ control loop that allows to implement a
high efficiency DC-DC converter in single-stage conversion directly from the 60 V
bus.
In combination with STPRDC01 and STPRDC02, the device is able to implement a
scalable power supply with output power ranging from 50 W up to >300 W featuring
Auto Cell Shedding and PFM to optimize the overall efficiency maintaining a >90%
baseline over the whole current range without compromising the load transient and
DVID response.
The STPDDC60 can be fully configured through PMBus™ to minimize external
component count. Full set of telemetry is provided including BBR, CFP and primary /
secondary side telemetry.
The device assures fast and independent protection against overcurrent, over/undervoltage
and FB disconnection.
The STPDDC60 is available in VFQFPN68, 8x8 mm package with exposed pad.

Application
• High efficiency Step-Down conversion




Similar Part No. - STPDDC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPD01 STMICROELECTRONICS-STPD01 Datasheet
2Mb / 43P
Programmable buck converter for USB power delivery
Rev 1 - October 2020
STPD0166BTA3 STMICROELECTRONICS-STPD0166BTA3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0166BTC3 STMICROELECTRONICS-STPD0166BTC3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0166BTI3 STMICROELECTRONICS-STPD0166BTI3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0175BTA3 STMICROELECTRONICS-STPD0175BTA3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
More results


Similar Description - STPDDC60

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Intersil Corporation
ZL8801ALAFTK INTERSIL-ZL8801ALAFTK Datasheet
1Mb / 87P
Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
March 27, 2015
ZL8802ALAFT INTERSIL-ZL8802ALAFT Datasheet
2Mb / 91P
Dual Channel/Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
December 11, 2015
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Analog Devices
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
Digital Controller for Isolated Power Supply with PMBus Interface
6/2017-Rev. A to Rev. B
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com