Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPDDC60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPDDC60
Description  Universal digital multicell controller with PMBus™
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPDDC60 Datasheet(HTML) 1 Page - STMicroelectronics

  STPDDC60 Datasheet HTML 1Page - STMicroelectronics STPDDC60 Datasheet HTML 2Page - STMicroelectronics STPDDC60 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VFQFPN68 8x8 mm
Features
High performance resonant / non-resonant digital control loop STVCOT™
Drives up to 6 cells with STPRDC01 and STPRDC02, from 50 W up to > 300 W
Compliant with Intel VR13, VR13.HC and AVS protocols
Fully configurable through PMBus™ rev1.2
Telemetry for primary and secondary
Full IC configuration / management
Voltage positioning
Advanced power management
Auto cell shedding with PFM
Low power 1.8 V logic
Programmable protections
OV / UV and FB disconnection
Analog and digital overcurrent protection (OCP)
Current sharing warning
Black box recorder (BBR)
Catastrophic fault precursor (CFP)
Embedded non-volatile memory (NVM)
Primary µC interface for telemetry (PuC)
Single-wire synchronous rectifier driver
RST and EN1V8 for low power mode
VFQFPN68, 8x8 mm package
Application
High efficiency Step-Down conversion
Description
The STPDDC60 is a high performance digital controller featuring the innovative and
patented resonant / non-resonant ST VCOT™ control loop that allows to implement a
high efficiency DC-DC converter in single-stage conversion directly from the 60 V
bus.
In combination with STPRDC01 and STPRDC02, the device is able to implement a
scalable power supply with output power ranging from 50 W up to >300 W featuring
Auto Cell Shedding and PFM to optimize the overall efficiency maintaining a >90%
baseline over the whole current range without compromising the load transient and
DVID response.
The STPDDC60 can be fully configured through PMBus™ to minimize external
component count. Full set of telemetry is provided including BBR, CFP and primary /
secondary side telemetry.
The device assures fast and independent protection against overcurrent, over/under-
voltage and FB disconnection.
The STPDDC60 is available in VFQFPN68, 8x8 mm package with exposed pad.
Product status
STPDDC60
Product summary
Order code
STPDDC60TR
Package
VFQFPN68
Packing
Tape & Reel
Universal digital multicell controller with PMBus™
STPDDC60
Data brief
DB3549 - Rev 1 - March 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPDDC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPD01 STMICROELECTRONICS-STPD01 Datasheet
2Mb / 43P
Programmable buck converter for USB power delivery
Rev 1 - October 2020
STPD0166BTA3 STMICROELECTRONICS-STPD0166BTA3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0166BTC3 STMICROELECTRONICS-STPD0166BTC3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0166BTI3 STMICROELECTRONICS-STPD0166BTI3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0175BTA3 STMICROELECTRONICS-STPD0175BTA3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
More results

Similar Description - STPDDC60

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
logo
International Rectifier
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Intersil Corporation
ZL8801ALAFTK INTERSIL-ZL8801ALAFTK Datasheet
1Mb / 87P
Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
March 27, 2015
ZL8802ALAFT INTERSIL-ZL8802ALAFT Datasheet
2Mb / 91P
Dual Channel/Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
December 11, 2015
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Analog Devices
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
Digital Controller for Isolated Power Supply with PMBus Interface
6/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com