Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet (PDF) - STMicroelectronics

STPD01 Datasheet PDF - STMicroelectronics
Part # STPD01
Download  STPD01 Download
File Size   2801.54 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programmable buck converter for USB power delivery

STPD01 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPD01 Datasheet PDF - STMicroelectronics

Part # STPD01
Download  STPD01 Click to download

File Size   2801.54 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programmable buck converter for USB power delivery

STPD01 Datasheet (HTML) - STMicroelectronics


STPD01 Product details

Description
The STPD01 is a programmable synchronous buck converter suitable to provide power supply in applications following USB power delivery specifications. The device provides those voltages required by USB power delivery systems as stated in USB PD 3.0 spec up to 60 W output power (20 V, 3 A). The different levels of output voltage and current limitation can be set dynamically through I2C interface. Overvoltage, overcurrent and overtemperature protections are included in the device. A programmable watchdog improves the robustness and the safety of the complete system. Finally, the device is available in QFN 3x4 mm2 24L. Product status link STPD01 Product summary

Features
■ Input voltage range 6.0 V to 26.4 V
■ Internal power MOS synch rectification
■ Internal compensation
■ I2C bus controlled
■ Vout settings: 3 V to 20 V with 20 mV (min.) steps
■ Slew rate control (max. 30 mV/us)
■ Cable drop compensation
■ Iout settings: 0.1 A to 3 A with 50 mA steps
■ Embedded discharge function
■ Two programmable switching frequencies with optional clock dithering
■ Watchdog timer set by I2C
■ Configurable interrupt pin
■ Soft-start
■ Power-on pin
■ Programmable constant current limit
■ OVP, IPEAK and overtemperature protections
■ Short-circuit protection
■ Undervoltage lockout
■ Available in QFN 3x4 24L package

Applications
■ AC adapters
■ USB hubs
■ PC monitors
■ Smart TV
■ USB-PD power distribution




Similar Part No. - STPD01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPD0166BTA3 STMICROELECTRONICS-STPD0166BTA3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0166BTC3 STMICROELECTRONICS-STPD0166BTC3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0166BTI3 STMICROELECTRONICS-STPD0166BTI3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0175BTA3 STMICROELECTRONICS-STPD0175BTA3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0175BTC3 STMICROELECTRONICS-STPD0175BTC3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
More results


Similar Description - STPD01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
ON Semiconductor
NCP81239 ONSEMI-NCP81239 Datasheet
242Kb / 19P
USB Power Delivery 4-Switch Buck Boost Controller
July, 2016 ??Rev. 0
NCP81239 ONSEMI-NCP81239_18 Datasheet
253Kb / 20P
USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
Analog Devices
LT8253 AD-LT8253 Datasheet
906Kb / 20P
40V USB Type-C Power Delivery Buck-Boost Controller
logo
ON Semiconductor
NCV81599 ONSEMI-NCV81599 Datasheet
1Mb / 33P
USB Power Delivery 4-Switch Buck Boost Controller
July, 2020 ??Rev. 0
FUSB3317 ONSEMI-FUSB3317 Datasheet
495Kb / 16P
Automotive USB Power Delivery Source Controller for USB-C
May, 2022-Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com