Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 1 Page - STMicroelectronics

  STPD01 Datasheet HTML 1Page - STMicroelectronics STPD01 Datasheet HTML 2Page - STMicroelectronics STPD01 Datasheet HTML 3Page - STMicroelectronics STPD01 Datasheet HTML 4Page - STMicroelectronics STPD01 Datasheet HTML 5Page - STMicroelectronics STPD01 Datasheet HTML 6Page - STMicroelectronics STPD01 Datasheet HTML 7Page - STMicroelectronics STPD01 Datasheet HTML 8Page - STMicroelectronics STPD01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Features
Input voltage range 6.0 V to 26.4 V
Internal power MOS synch rectification
Internal compensation
I2C bus controlled
Vout settings: 3 V to 20 V with 20 mV (min.) steps
Slew rate control (max. 30 mV/us)
Cable drop compensation
Iout settings: 0.1 A to 3 A with 50 mA steps
Embedded discharge function
Two programmable switching frequencies with optional clock dithering
Watchdog timer set by I2C
Configurable interrupt pin
Soft-start
Power-on pin
Programmable constant current limit
OVP, IPEAK and overtemperature protections
Short-circuit protection
Undervoltage lockout
Available in QFN 3x4 24L package
Applications
AC adapters
USB hubs
PC monitors
Smart TV
USB-PD power distribution
Description
The STPD01 is a programmable synchronous buck converter suitable to provide
power supply in applications following USB power delivery specifications.
The device provides those voltages required by USB power delivery systems as
stated in USB PD 3.0 spec up to 60 W output power (20 V, 3 A).
The different levels of output voltage and current limitation can be set dynamically
through I2C interface.
Overvoltage, overcurrent and overtemperature protections are included in the device.
A programmable watchdog improves the robustness and the safety of the complete
system.
Finally, the device is available in QFN 3x4 mm2 24L.
Product status link
STPD01
Product summary
Order code
STPD01PUR
Package
QFN 3x4 24L
Programmable buck converter for USB power delivery
STPD01
Datasheet
DS13473 - Rev 1 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPD01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPD0166BTA3 STMICROELECTRONICS-STPD0166BTA3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0166BTC3 STMICROELECTRONICS-STPD0166BTC3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0166BTI3 STMICROELECTRONICS-STPD0166BTI3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0175BTA3 STMICROELECTRONICS-STPD0175BTA3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPD0175BTC3 STMICROELECTRONICS-STPD0175BTC3 Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
More results

Similar Description - STPD01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
ON Semiconductor
NCP81239 ONSEMI-NCP81239 Datasheet
242Kb / 19P
USB Power Delivery 4-Switch Buck Boost Controller
July, 2016 ??Rev. 0
NCP81239 ONSEMI-NCP81239_18 Datasheet
253Kb / 20P
USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
Analog Devices
LT8253 AD-LT8253 Datasheet
906Kb / 20P
40V USB Type-C Power Delivery Buck-Boost Controller
logo
ON Semiconductor
NCV81599 ONSEMI-NCV81599 Datasheet
1Mb / 33P
USB Power Delivery 4-Switch Buck Boost Controller
July, 2020 ??Rev. 0
FUSB3317 ONSEMI-FUSB3317 Datasheet
495Kb / 16P
Automotive USB Power Delivery Source Controller for USB-C
May, 2022-Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com