Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 35Page - STMicroelectronics STPD01 Datasheet HTML 36Page - STMicroelectronics STPD01 Datasheet HTML 37Page - STMicroelectronics STPD01 Datasheet HTML 38Page - STMicroelectronics STPD01 Datasheet HTML 39Page - STMicroelectronics STPD01 Datasheet HTML 40Page - STMicroelectronics STPD01 Datasheet HTML 41Page - STMicroelectronics STPD01 Datasheet HTML 42Page - STMicroelectronics STPD01 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
List of figures
Figure 1.
STPD01 typical application schematic .................................................... 2
Figure 2.
Pin configuration (top through view)...................................................... 3
Figure 3.
STPD01 block diagram .............................................................. 8
Figure 4.
Efficiency (Vin = Vcc = 24 V, CC = 0x1F, Fsw = 500kHz) ....................................... 9
Figure 5.
PLOSS (Vin = Vcc = 24 V, CC = 0x1F, Fsw = 500 kHz) ......................................... 9
Figure 6.
Efficiency (Vin = Vcc = 24 V, CC = 0x1F, Fsw = 750 kHz) ....................................... 9
Figure 7.
PLOSS (Vin = Vcc = 24 V, CC = 0x1F, Fsw = 750 kHz) ........................................ 10
Figure 8.
VOUT vs. load (Vin = VCC = 24 V, Vout = 0x64 (5 V), CC = 0x1F)................................ 10
Figure 9.
VOUT vs. load (Vin = VCC = 24 V, Vout = 0xB0 (9 V), CC = 0x1F) ............................... 10
Figure 10.
VOUT vs. load (Vin = VCC = 24 V, Vout = 0xD8 (15 V), CC = 0x1F) .............................. 11
Figure 11.
VOUT vs. load (Vin = VCC = 24 V, Vout = 0xF1 (20 V), CC = 0x1F)............................... 11
Figure 12.
VOUT vs. load, with cable drop compensation on (Vin = VCC = 24 V, Vout = 0x64 (5 V), CC = 0x1F, Rcdc2 = 24
kΩ, Fsw = 500 kHz) ................................................................ 11
Figure 13.
VCDC vs. load (Vin = VCC = 24 V, Vout = 0x64 (5 V), CC = 0x1F, Rcdc2 = 24 kΩ, Fsw = 500 kHz) .......... 12
Figure 14.
VOUT vs. load, with cable drop compensation on (Vin = VCC = 24 V, Vout = 0x64 (5 V), CC = 0x1F, Rcdc2 = 6.8
kΩ, Fsw = 500 kHz) ................................................................ 12
Figure 15.
VCDC vs. load (Vin = VCC = 24 V, Vout = 0x64 (5 V), CC = 0x1F, Rcdc2 = 6.8 kΩ, Fsw = 500 kHz).......... 12
Figure 16.
VOUT vs. load, with cable drop compensation on (Vin = VCC = 24 V, Vout = 0xF1 (20 V), CC = 0x1F, Rcdc2 = 24
kΩ, Fsw = 500 kHz) ................................................................ 13
Figure 17.
VCDC vs. load (Vin = VCC = 24 V, Vout = 0xF1 (20 V), CC = 0x1F, Rcdc2 = 24 kΩ, Fsw = 500 kHz) ......... 13
Figure 18.
VOUT vs. load, with cable drop compensation on (Vin = VCC = 24 V, Vout = 0xF1 (20 V), CC = 0x1F, Rcdc2 = 6.8
kΩ, Fsw = 500 kHz) ................................................................ 13
Figure 19.
VCDC vs. load (Vin = VCC = 24 V, Vout = 0xF1 (20 V), CC = 0x1F, Rcdc2 = 6.8 kΩ, Fsw = 500 kHz)......... 14
Figure 20.
VOUT transition (Vin = VCC = 24 V, Vout = 0x64 (5 V) to 0xB0 (9 V), CC = 0x1F, load = 500 mA, Fsw = 500 kHz)
.............................................................................. 14
Figure 21.
VOUT transition (Vin = VCC = 24 V, Vout = 0xB0 (9 V) to 0x64 (5 V), CC = 0x1F, load = 500 mA, Fsw = 500 kHz)
.............................................................................. 14
Figure 22.
VOUT transition (Vin = VCC = 24 V, Vout = 0x64 (5 V ) to 0xD8 (15 V), CC = 0x1F, load = 500 mA, Fsw = 500 kHz)
.............................................................................. 14
Figure 23.
VOUT transition (Vin = VCC = 24 V, Vout = 0xD8 (15 V ) to 0x64 (5 V), CC = 0x1F, load = 500 mA, Fsw = 500 kHz)
.............................................................................. 14
Figure 24.
VOUT transition (Vin = VCC = 24 V, Vout = 0x64 (5 V ) to 0xF1 (20 V), CC = 0x1F, load = 500 mA, Fsw = 500 kHz)
.............................................................................. 15
Figure 25.
VOUT transition (Vin = VCC = 24 V, Vout = 0xF1 (20 V ) to 0x64 (5 V), CC = 0x1F, load = 500 mA, Fsw = 500 kHz)
.............................................................................. 15
Figure 26.
VOUT transition (Vin = VCC = 24 V, Vout = 0x00 (3 V ) to 0x64 (5 V) to 0xF1 (20 V), CC = 0x1F, load = 500 mA,
Fsw = 500 kHz) ................................................................... 15
Figure 27.
VOUT transition (Vin = VCC = 24 V, Vout = 0xF1 (20 V ) to 0x64 (5 V) to 0x00 (3 V), CC = 0x1F, load = 500 mA,
Fsw = 500 kHz) ................................................................... 15
Figure 28.
Enable startup (Vin = VCC = 24 V, Vout = 0x64 (5 V), no load) .................................. 15
Figure 29.
Enable shutdown (Vin = VCC = 24 V, Vout = 0x64 (5 V), no load) ................................ 15
Figure 30.
Digit enable startup (Vin = VCC = 24 V, Vout = 0x64 (5 V), no load) ............................... 16
Figure 31.
Digit enable shutdown (Vin = VCC = 24 V, Vout = 0x64 (5 V), no load) ............................. 16
Figure 32.
Cable drop configuration ............................................................ 18
Figure 33.
Deglitch time .................................................................... 19
Figure 34.
Transition envelope for positive voltage transitions .......................................... 19
Figure 35.
Transition envelope for negative voltage transitions .......................................... 19
Figure 36.
Placement of source bulk capacitance ................................................... 20
Figure 37.
Data transfer validity ............................................................... 22
Figure 38.
START and STOP commands ........................................................ 22
Figure 39.
Write command .................................................................. 23
STPD01
List of figures
DS13473 - Rev 1
page 41/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com