Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 16Page - STMicroelectronics STPD01 Datasheet HTML 17Page - STMicroelectronics STPD01 Datasheet HTML 18Page - STMicroelectronics STPD01 Datasheet HTML 19Page - STMicroelectronics STPD01 Datasheet HTML 20Page - STMicroelectronics STPD01 Datasheet HTML 21Page - STMicroelectronics STPD01 Datasheet HTML 22Page - STMicroelectronics STPD01 Datasheet HTML 23Page - STMicroelectronics STPD01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Figure 36. Placement of source bulk capacitance
Data
lines
Power
supply
Ohmic
interconnect
C1
C2
VBUS
GND
Data
lines
Source
Cable
Source bulk capacitance
VBUS
GND
where C1 and C2 can be either a single capacitor, a capacitor bank or a distributed capacitance having a
minimum value (total) of 10 uF.
7.6
Clock dithering
To reduce EMI emission, the clock frequency dithers by 5% around its nominal value thus reducing the noise
mean amplitude. This also randomly spreads the switching currents of many different STPD01 in a multi-port
system.
7.7
Programmable watchdog
The STPD01 includes a watchdog function. The watchdog timer is enabled in the register 0x06. During this time,
if there is no communication between the host and the STPD01, an interrupt is generated in the INT pin if not
masked. Once the interrupt is activated, the host has 100 ms (default value) to send a command on the I2C to the
STPD01 address, otherwise the registers 0x00, 0x01 and 0x05 are reset at their default values.
The interrupt is reset after the first I2C access.
This watchdog function can be disabled setting the bit 1 in register 0x06.
7.8
Protections
The device is equipped with some protections summarized in the following table
Table 8. Protections
Protection
Function
INT pin
STATUS
Pon pin
STATUS
OVP (overvoltage
protection)
Active as soon as the device is enabled and PVIN/VCC voltage valid is
present (above the UVLO level), even during the soft-start. The protection
is triggered when the voltage sensed on the VSNS pin rises over the OVP
threshold. See Section 7.8.1 Overvoltage protection for more details.
LOW
Pon goes low if
Vout rises
above 5% of
the value set
(deglitched for
5 ms). Also, in
case EN pin is
low, the Pon is
low
CC (constant
current function)
Active as soon as the device is in regulation (so, at the ends of the soft-
start). This function is triggered when the output current is over the CCth
threshold and the device acts to overcome the voltage regulation loop to
limit the output current. The VOUT drops below the programmed level.
LOW
HIGH
OTP
(overtemperature
protection)
Active as soon as the device is enabled and PVIN/VCC voltage valid is
present (above the UVLO level), even during the soft- start. The protection
is triggered when the internal temperature is over the OTP threshold and
the device acts by suddenly switching off both HS and LS MOSFET. The
VOUT bits (reg 0x00) and Ilim bits (reg 0x01) are reset. Discharge is
activated if enabled by the dedicated bit.
LOW
HIGH
STPD01
Clock dithering
DS13473 - Rev 1
page 20/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com