Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 13Page - STMicroelectronics STPD01 Datasheet HTML 14Page - STMicroelectronics STPD01 Datasheet HTML 15Page - STMicroelectronics STPD01 Datasheet HTML 16Page - STMicroelectronics STPD01 Datasheet HTML 17Page - STMicroelectronics STPD01 Datasheet HTML 18Page - STMicroelectronics STPD01 Datasheet HTML 19Page - STMicroelectronics STPD01 Datasheet HTML 20Page - STMicroelectronics STPD01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
7
Operation description
7.1
Enable
The device can be forced into shutdown mode by pulling the enable pin low. In this condition, the I2C interface is
switched off.
Once the EN pin voltage exceeds the threshold value, then the device immediately switches on following the
start-up sequence.
7.1.1
Digital enable
The device can be enabled/disabled using the external pin EN, which switches off the DC-DC, the oscillator and
the digital core completely.
Optionally, the DC-DC can be switched off by the DIG_EN bit in I2C register (0x06), but in this case the digital
core is kept partially ON to allow the I2C to wake up the device.
Table 7. Functional modes
Dig_EN bit
EN pin
I2C interface
DC-DC state
Pon
-
Low
OFF
Stop
Functional
Low
High
Functional
Stop
Functional
High
High
Functional
Operating
Functional
7.2
Cable drop compensation
In some applications, the output voltage needs to be increased proportionally to load current to compensate the
potential voltage drop across copper tracks (and output cable). The compensation acts by altering the current
flowing in the high-side of the voltage feedback resistor divider. The resulting compensation voltage is expressed
as follows:
ΔVout=k⋅ILOAD⋅RSENSE⋅ RCDC1/RCDC2
(1)
where the parameter k is 18 and RCDC2 depends on the cable resistance, with RCDC1 being typically 10 kOhm.
The cable drop compensation loop should be very slow to avoid potential disturbance to the voltage loop. This
can be achieved by a proper choice of RCDC1 and CCDC.
STPD01
Operation description
DS13473 - Rev 1
page 17/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com