Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 6Page - STMicroelectronics STPD01 Datasheet HTML 7Page - STMicroelectronics STPD01 Datasheet HTML 8Page - STMicroelectronics STPD01 Datasheet HTML 9Page - STMicroelectronics STPD01 Datasheet HTML 10Page - STMicroelectronics STPD01 Datasheet HTML 11Page - STMicroelectronics STPD01 Datasheet HTML 12Page - STMicroelectronics STPD01 Datasheet HTML 13Page - STMicroelectronics STPD01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Figure 7. PLOSS (Vin = Vcc = 24 V, CC = 0x1F, Fsw = 750 kHz)
4.85
4.9
4.95
5
5.05
5.1
5.15
0
0.5
1
1.5
2
2.5
3
Iout [A]
Vout@Vin = Vcc = 24V Fsw=500kHz
Vout@Vin = Vcc = 24V Fsw=750kHz
Min(-2%)
Max(+2%)
Figure 8. VOUT vs. load (Vin = VCC = 24 V, Vout = 0x64 (5 V), CC = 0x1F)
4.85
4.9
4.95
5
5.05
5.1
5.15
0
0.5
1
1.5
2
2.5
3
Iout [A]
Vout@Vin = Vcc = 24V Fsw=500kHz
Vout@Vin = Vcc = 24V Fsw=750kHz
Min(-2%)
Max(+2%)
Figure 9. VOUT vs. load (Vin = VCC = 24 V, Vout = 0xB0 (9 V), CC = 0x1F)
8.8
8.85
8.9
8.95
9
9.05
9.1
9.15
9.2
0
0.5
1
1.5
2
2.5
3
Iout [A]
Vout@Vin = Vcc = 24V Fsw=500kHz
Vout@Vin = Vcc = 24V Fsw=750kHz
Min(-2%)
Max(+2%)
STPD01
Typical performance characteristics
DS13473 - Rev 1
page 10/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com