Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 2 Page - STMicroelectronics

  STPD01 Datasheet HTML 1Page - STMicroelectronics STPD01 Datasheet HTML 2Page - STMicroelectronics STPD01 Datasheet HTML 3Page - STMicroelectronics STPD01 Datasheet HTML 4Page - STMicroelectronics STPD01 Datasheet HTML 5Page - STMicroelectronics STPD01 Datasheet HTML 6Page - STMicroelectronics STPD01 Datasheet HTML 7Page - STMicroelectronics STPD01 Datasheet HTML 8Page - STMicroelectronics STPD01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
1
Application schematic
Figure 1. STPD01 typical application schematic
Cout
Vout
ISNS+
LX
PGND
BOOT
SGND
CDC
ISNS-
PVIN
VCC
EN
INT
SDA
SCL
CIN
RCDC2
CBOOT
L
RSNS
VSNS
RCDC1
CCDC
VREG
CREG
ADD
VDRVH
CDRVH
Pon
Cout1
Table 1. Bill of material
Symbol
Value
Description
Note
RSNS
25 mΩ 1%
L
10 uH
Low DCR
CIN
47 uF
Ceramic capacitor
CBOOT
100 nF
Ceramic capacitor
COUT
68-100 uF
Ceramic capacitor
Spec USB PD
COUT1
10-22 uF
Ceramic capacitor
RCDC1
10 kΩ
RCDC2
Function of RCABLE
See Section 7.2 Cable drop compensation
CDRVH, CREG
1 uF
Ceramic capacitor
STPD01
Application schematic
DS13473 - Rev 1
page 2/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com