Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 21Page - STMicroelectronics STPD01 Datasheet HTML 22Page - STMicroelectronics STPD01 Datasheet HTML 23Page - STMicroelectronics STPD01 Datasheet HTML 24Page - STMicroelectronics STPD01 Datasheet HTML 25Page - STMicroelectronics STPD01 Datasheet HTML 26Page - STMicroelectronics STPD01 Datasheet HTML 27Page - STMicroelectronics STPD01 Datasheet HTML 28Page - STMicroelectronics STPD01 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
8
Control register description
8.1
Register map
Table 10. Configuration bits
Content
# of configurations
Comments
Vout
240 (8 bit)
3 V to 5.9 V with 20 mV step, 5.9 V to 11 V with 100 mV step, 11 V to 20 V with
200 mV step
Ilim
25 (5 bit)
From 0.1 A to 3 A with 100 mA steps (flag_50 mA can be used to obtain 50 mA
steps)
Interrupt mask
7 (7 bit)
OVP, CC, SCP, Pon, WD, OTP, OTW, IPK
Interrupt status
7 (7 bit)
Interrupt status
Interrupt latch
7 (7 bit)
Interrupt latch
Auto-discharge
2 (1 bit)
Auto-discharge enable/disable
Dithering
2 (1 bit)
Dithering enable/disable
Switching frequency
2 (1 bit)
At least 500 kHz and 750 kHz
Cable drop comp.
3 (2 bit)
OFF, full
Enable watchdog
2 (1 bit)
Enable/disable
Watchdog
4 (2 bit)
100 ms, 500 ms, 1 s, 5 s
Enable
2 (1 bit)
ON/OFF (see Section 7 Operation description)
Table 11. Register map summary
ADDR R/W
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x00
R/W
Vout(7)
Vout(6)
Vout(5)
Vout(4)
Vout(3)
Vout(2)
Vout(1)
Vout(0)
0x01
R/W
Flag_50ma
Not used
Not used
ILIM(4)
ILIM(3)
ILIM(2)
ILIM(1)
ILIM(0)
0x02
R
INT_STAT(7)
INT_STAT(6)
INT_STAT(5)
INT_STAT(4)
INT_STAT(3)
INT_STAT(2)
INT_STAT(1)
INT_STAT(0)
0x03
R/C
INT_LTC(7)
INT_LTC(6)
INT_LTC(5)
INT_LTC(4)
INT_LTC(3)
INT_LTC(2)
INT_LTC(1)
INT_LTC(0)
0x04
R/W INT_MASK(7) INT_MASK(6) INT_MASK(5) INT_MASK(4) INT_MASK(3) INT_MASK(2) INT_MASK(1) INT_MASK(0)
0x05
R/W
WTCHDG(1)
WTCHDG(0)
Not used
CDC(1)
CDC(0)
SW_FREQ
DITH
AUTO_DIS
0x06
R/W
Not used
Not used
Not used
Not used
Not used
Not used
WD_EN
DIG_EN
R: read; R/W: read and write; R/C: cleared when read.
STPD01
Control register description
DS13473 - Rev 1
page 25/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com