Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 24Page - STMicroelectronics STPD01 Datasheet HTML 25Page - STMicroelectronics STPD01 Datasheet HTML 26Page - STMicroelectronics STPD01 Datasheet HTML 27Page - STMicroelectronics STPD01 Datasheet HTML 28Page - STMicroelectronics STPD01 Datasheet HTML 29Page - STMicroelectronics STPD01 Datasheet HTML 30Page - STMicroelectronics STPD01 Datasheet HTML 31Page - STMicroelectronics STPD01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
8.2.2
Register 0x01
The register 0x01 is used to set the output current limitation configuration. Its default value (reset) is 0x04, which
is 500 mA.
Table 13. 0x01 register description
Hex value
ILIM(mA)
Hex value
ILIM (mA)
0x00
100
0x0F
1600
0x01
200
0x10
1700
0x02
300
0x11
1800
0x03
400
0x12
1900
0x04
500
0x13
2000
0x05
600
0x14
2100
0x06
700
0x15
2200
0x07
800
0x16
2300
0x08
900
0x17
2400
0x09
1000
0x18
2500
0x0A
1100
0x19
2600
0x0B
1200
0x1A
2700
0x0C
1300
0x1B
2800
0x0D
1400
0x1C
2900
0x0E
1500
0x1D
3000
8.2.3
Interrupt registers: 0x02, 0x03, 0x04
The registers 0x02, 0x03 and 0x04 are used for the interrupt management and in particular:
0x02: interrupt status (reset value 0x00), bit at 0 means “no interrupt”
0x03: interrupt latch (reset value 0x00), bit at 0 means “not latched”
0x04: interrupt mask (reset value 0x0E), bit at 0 means “not masked”
The single bits are organized as follows:
Table 14. Interrupt register description
Bit
Function
Notes
0
Overvoltage protection
1
Constant current function
2
Short-circuit protection
3
Power-on
4
Watchdog
5
Overtemperature protection
Junction temperature 165 °C
6
Overtemperature warning
Junction temperature 145 °C
7
Inductor peak current protection
STPD01
Register description
DS13473 - Rev 1
page 28/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com