Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 3Page - STMicroelectronics STPD01 Datasheet HTML 4Page - STMicroelectronics STPD01 Datasheet HTML 5Page - STMicroelectronics STPD01 Datasheet HTML 6Page - STMicroelectronics STPD01 Datasheet HTML 7Page - STMicroelectronics STPD01 Datasheet HTML 8Page - STMicroelectronics STPD01 Datasheet HTML 9Page - STMicroelectronics STPD01 Datasheet HTML 10Page - STMicroelectronics STPD01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
Pon
Pon deglitch
5
ms
Ipk
Inductor current limit thresholds
Positive
5
A
Ivalley
Negative
3.5
OVP
Overvoltage protection threshold
(VSNS/Vnom)
VSNS sensed voltage vs. nominal vout set in
the reg 0x00
1.1 1.15
V/V
OVP deglitch
5
ms
OVP masking time during Vout
transition or fault
Start-to-end transition
275 300
ms
CCth
Constant current threshold (Iout/Ilim)
Rsense = 25 mΩ, 1% precision, 0.5<Iout<3 A
1.00
A/A
SCP
Short-circuit protection
Percentage of VSNS
20
%
Short-circuit timer
300
ms
OTP
Overtemperature protection
threshold(2)
165
°C
OTP hysteresys
30
°C
TW
Thermal warning
Reg 0x02
150
°C
TW hysteresys
10
°C
η
Efficiency(2)
Vout = 5 V, Iout = 1.5 A
85
%
Vout = 9 V, Iout = 1.5 A
90
Vout = 15 V, Iout = 1.5 A
92
Vout = 20 V, Iout = 1.5 A
93
SCLf
SCL clock frequency
400
kHz
Cable drop compensation
RCDC1 = 10 kΩ, RCDC2 = 24 kΩ, RSENSE = 25
mΩ, ILOAD = 1 A
200
mV
Cable drop tolerance
-15
+15
%
Cable drop saturation
1
V
ISNS+, ISNS- Bias current
VISNS+ = VISNS- = 20 V
100
µA
EN
ON threshold
1.2
V
OFF threshold
0.35
IEN
Enable current
EN = GND
3
5
µA
Logic section (SCL, SDA pins)
VOL
Low level output voltage
ISINK = 2 mA
0.2
V
VIH
High level threshold voltage
1.2
V
VIL
Low level threshold voltage
0.35
V
Ilk
Leakage current
Vpullup = 3.3 V
1
uA
INT, PON pins
Vod
Output voltage
ISINK = 2 mA
0.1
V
Iod
Leakage current
Vpullup = 5 V
1
uA
1. Cumulative current from PVIN and VCC.
2. Not tested in production.
STPD01
Electrical characteristics
DS13473 - Rev 1
page 7/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com