Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 15Page - STMicroelectronics STPD01 Datasheet HTML 16Page - STMicroelectronics STPD01 Datasheet HTML 17Page - STMicroelectronics STPD01 Datasheet HTML 18Page - STMicroelectronics STPD01 Datasheet HTML 19Page - STMicroelectronics STPD01 Datasheet HTML 20Page - STMicroelectronics STPD01 Datasheet HTML 21Page - STMicroelectronics STPD01 Datasheet HTML 22Page - STMicroelectronics STPD01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Figure 33. Deglitch time
Pon
VOUT
deglitch time
5% of Vout
Time
Time
7.5
Vout transition
The Vout transitions are performed forcing the device into PWM mode in order to guarantee the max. slew rate
reported in the EC table (see Table 6. Electrical characteristics).
During the transitions, the voltage level overcomes the limits defined by the ±2% precision. Therefore an extra
margin of 500 mV (max.) is allowed for about 300 ms and OVP is masked in order to avoid false alarms.
Figure 34. Transition envelope for positive voltage
transitions
Slew rate
500mV
500mV
Voltage
Time
Figure 35. Transition envelope for negative voltage
transitions
500mV
500mV
Voltage
Time
Slew rate
The maximum slew rate is guaranteed with the output capacitance value defined in the USB-PD spec. as follows:
STPD01
Vout transition
DS13473 - Rev 1
page 19/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com