Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 19Page - STMicroelectronics STPD01 Datasheet HTML 20Page - STMicroelectronics STPD01 Datasheet HTML 21Page - STMicroelectronics STPD01 Datasheet HTML 22Page - STMicroelectronics STPD01 Datasheet HTML 23Page - STMicroelectronics STPD01 Datasheet HTML 24Page - STMicroelectronics STPD01 Datasheet HTML 25Page - STMicroelectronics STPD01 Datasheet HTML 26Page - STMicroelectronics STPD01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
The master then generates further SCL cycles to either transmit data to the slave or receive data from the slave.
At the end of the data transfer, the master generates the stop command and the bus is released and all devices
wait for a new start command.
7.12.1
Read and write commands
The format of I2C commands is described below. All figures use common format and symbols. Every data word
consists of eight bits with most significant bit first and least significant bit last.
Write command to the transceiver device is described by the following figure. It is possible to write to several
consecutive registers during one write command.
Figure 39. Write command
Slave Address
S
R/W
A
A
A
P
Register Address
Data
7 bits
1
1
1
1
1
1
8 bits
8 bits
“0” Write
From Master to Slave
From Slave to Master
A = acknowledge (SDA LOW)
S = START condition
P = STOP condition
Read command consists of dummy write to set the proper address of a register followed by a real read
sequence.
Figure 40. Read command
Slave Address
S
R/W
A
A
Register Address
Slave Address
7 bits
1
1
1
1
1
8 bits
1
“0” Write
From Master to Slave
From Slave to Master
A = acknowledge (SDA LOW)
S = START condition
P = STOP condition
Sr = Repeated Start
1
1
R/W
A
A
P
Register Address
Sr
7 bits
8 bits
“1” Write
1
The master sends a “Repeated Start” after sending the register address and before resending the slave address.
The “Repeated Start” is defined as SDA transition from 1 to 0 with SCL high.
7.12.2
I2C address selection
The I2C address can be selected using the ADD pin to allow multiple devices to be connected on the same bus.
The address is composed as below:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0
0
0
0
1
ADD1
ADD0
R/W
STPD01
Bus timing
DS13473 - Rev 1
page 23/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com