Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 14Page - STMicroelectronics STPD01 Datasheet HTML 15Page - STMicroelectronics STPD01 Datasheet HTML 16Page - STMicroelectronics STPD01 Datasheet HTML 17Page - STMicroelectronics STPD01 Datasheet HTML 18Page - STMicroelectronics STPD01 Datasheet HTML 19Page - STMicroelectronics STPD01 Datasheet HTML 20Page - STMicroelectronics STPD01 Datasheet HTML 21Page - STMicroelectronics STPD01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Figure 32. Cable drop configuration
Cout
Vout
ISNS+
LX
PGND
BOOT
SGND
CDC
ISNS-
RCDC2
CBOOT
L
RSNS
Current
Monitor
DC/DC
Control
PVIN
Current limit
VSNS
RCDC1
RCABLE/2
VDRIVEL
FB
FB
Cout1
LOAD
RCABLE/2
VSNS
7.2.1
Output current monitor
The CDC pin provides a voltage proportional to the output current according to the following formula:
VCDC=k×ILOAD×RSENSE
(2)
where k=18
This formula is valid for ILOAD of more than about 300 mA.
Such a feature is very useful in case the device is embedded in a system with multiple ports and power sharing,
since the policy manager can read the current provided to the load regardless of I2C access.
7.3
Auto discharge
When one of the protections is triggered, the digital En bit is set or the enable pin is pulled low, the STPD01 turns
on a 60 mA current sink which discharges the LX node.
The auto discharge function can be disabled by I2C in case one of the protection events occurs or in case the
digital En bit is set, but it is always active when EN pin is pulled low.
7.4
Power-on
The power-on (Pon) is an open drain pin and provides information on the start-up of the device. After start-up, it
detects if the output voltage is within the +/-5% window of the regulation point, in this case the Pon pin goes to
high impedance.
The pin can be left floating if not used.
STPD01
Auto discharge
DS13473 - Rev 1
page 18/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com