Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 5 Page - STMicroelectronics

  STPD01 Datasheet HTML 1Page - STMicroelectronics STPD01 Datasheet HTML 2Page - STMicroelectronics STPD01 Datasheet HTML 3Page - STMicroelectronics STPD01 Datasheet HTML 4Page - STMicroelectronics STPD01 Datasheet HTML 5Page - STMicroelectronics STPD01 Datasheet HTML 6Page - STMicroelectronics STPD01 Datasheet HTML 7Page - STMicroelectronics STPD01 Datasheet HTML 8Page - STMicroelectronics STPD01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
3
Maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Test conditions
Value
Unit
PVIN
Input supply
DC voltage
-0.3 to +28
V
VCC
Analog input supply
DC voltage
-0.3 to PVIN + 0.3
V
ISNS+, ISNS-, VSNS
Sensing inputs
DC voltage
-0.3 to PVIN + 0.3
V
ISNS+, ISNS-
Differential voltage between sensing pins
DC voltage
0 to 3
V
Current sourced by the pin
VISNS+ = VISNS-< 0,
(DC and AC)
10
mA
LX
Switching node
DC voltage
-0.3 to PVIN + 0.3
V
BOOT
BOOT voltage vs. GND
DC voltage
-0.3 to 34
V
BOOT voltage vs. LX
DC voltage
-0.3 to 6
V
VDRIVEH
Internal power supply
DC voltage
-0.3 to 6
V
VREG
Internal LDO regulator voltage pin
DC voltage
-0.3 to 6
V
INT, SDA, SCL, ADD, EN, Pon
Logic pins voltage
DC voltage
-0.3 to 6
V
CDC
Analog pins voltage
DC voltage
-0.3 to 2.5
V
PGND, SGND
GND voltage
DC voltage
-0.3 to +0.3
V
ESD
Human body model
JS-001-2012
±2000
V
Table 4. Thermal data
Symbol
Parameter
QFN 3x4 24L
Unit
RTHJA(1)
Junction to ambient board thermal resistance
31
°C/W
TJ
Operating junction temperature
-40 to +125
°C
TSTG
Storage temperature
-65 to +150
°C
TLEAD
Lead temperature (soldering 10 s.)
260
°C
1. Standard FR4 4 layer PCB board.
STPD01
Maximum ratings
DS13473 - Rev 1
page 5/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com