Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 3 Page - STMicroelectronics

  STPD01 Datasheet HTML 1Page - STMicroelectronics STPD01 Datasheet HTML 2Page - STMicroelectronics STPD01 Datasheet HTML 3Page - STMicroelectronics STPD01 Datasheet HTML 4Page - STMicroelectronics STPD01 Datasheet HTML 5Page - STMicroelectronics STPD01 Datasheet HTML 6Page - STMicroelectronics STPD01 Datasheet HTML 7Page - STMicroelectronics STPD01 Datasheet HTML 8Page - STMicroelectronics STPD01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
2
Pin configuration (top through view)
Figure 2. Pin configuration (top through view)
1
7
19
13
20
24
12
8
Table 2. Pin description
Position
Name
Description
1
SDA
I2C data
2
SCL
I2C clock
3
ADD
I2C address selection (cannot be left floating)
4
INT
Interrupt pin (open drain output)
5
EN
Enable pin. Internally pulled up to VREG
6
VDRIVEH High-side driver supply. Connect to a bypass capacitor
7
VCC
Analog supply input
8
PVIN
Power supply input
9
PVIN
Power supply input
10
PGND
Power ground
11
PGND
Power ground
12
PGND
Power ground
13
LX
Switching node
14
LX
Switching node
15
LX
Switching node
16
BOOT
Connect the bootstrap capacitor (0.1 µF) between this pin and LX
17
Pon
Power-on (open drain output). Pulled high when Vout reaches the regulation value after startup
18
VREG
Internal LDO regulator voltage pin (connect 1 μF capacitor between this pin and GND)
19
ISNS+
Positive connection for the current sensing resistor. Connect to GND if not used
20
ISNS-
Negative connection for the current sensing resistor. Connect to GND if not used
21
VSNS
Output voltage sensing pin. Used also for cable drop compensation see Section 7.2 Cable drop
compensation
22
CDC
Cable drop compensation programming pin
STPD01
Pin configuration (top through view)
DS13473 - Rev 1
page 3/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com