Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 22Page - STMicroelectronics STPD01 Datasheet HTML 23Page - STMicroelectronics STPD01 Datasheet HTML 24Page - STMicroelectronics STPD01 Datasheet HTML 25Page - STMicroelectronics STPD01 Datasheet HTML 26Page - STMicroelectronics STPD01 Datasheet HTML 27Page - STMicroelectronics STPD01 Datasheet HTML 28Page - STMicroelectronics STPD01 Datasheet HTML 29Page - STMicroelectronics STPD01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
8.2
Register description
8.2.1
Register 0x00
The register 0x00 is used to set the output voltage configuration. Its default value (reset) is 0x64.
Table 12. 0x00 register description
Hex
value
Voltage
value (V)
Hex
value
Voltage
value (V)
Hex value
Voltage
value (V)
Hex
value
Voltage
value (V)
Hex
value
Voltage
value (V)
0x00
3
0x30
3.96
0x66
5.04
0x9C
7
0xD2
13.8
0x01
3.02
0x31
3.98
0x67
5.06
0x9D
7.1
0xD3
14
0x02
3.04
0x32
4
0x68
5.08
0x9E
7.2
0xD4
14.2
0x03
3.06
0x33
4.02
0x69
5.1
0x9F
7.3
0xD5
14.4
0x04
3.08
0x34
4.04
0x6A
5.12
0xA0
7.4
0xD6
14.6
0x05
3.1
0x35
4.06
0x6B
5.14
0xA1
7.5
0xD7
14.8
0x06
3.12
0x36
4.08
0x6C
5.16
0xA2
7.6
0xD8
15
0x07
3.14
0x37
4.1
0x6D
5.18
0xA3
7.7
0xD9
15.2
0x08
3.16
0x38
4.12
0x6E
5.2
0xA4
7.8
0xDA
15.4
0x09
3.18
0x39
4.14
0x6F
5.22
0xA5
7.9
0xDB
15.6
0x0A
3.2
0x3A
4.16
0x70
5.24
0xA6
8
0xDC
15.8
0x0B
3.22
0x3B
4.18
0x71
5.26
0xA7
8.1
0xDD
16
0x0C
3.24
0x3C
4.2
0x72
5.28
0xA8
8.2
0xDE
16.2
0x0D
3.26
0x3D
4.22
0x73
5.3
0xA9
8.3
0xDF
16.4
0x0E
3.28
0x3E
4.24
0x74
5.32
0xAA
8.4
0xE0
16.6
0x0F
3.3
0x3F
4.26
0x75
5.34
0xAB
8.5
0xE1
16.8
0x10
3.32
0x40
4.28
0x76
5.36
0xAC
8.6
0xE2
17
0x11
3.34
0x41
4.3
0x77
5.38
0xAD
8.7
0xE3
17.2
0x12
3.36
0x42
4.32
0x78
5.4
0xAE
8.8
0xE4
17.4
0x13
3.38
0x43
4.34
0x79
5.42
0xAF
8.9
0xE5
17.6
0x14
3.4
0x44
4.36
0x7A
5.44
0xB0
9
0xE6
17.8
0x15
3.42
0x45
4.38
0x7B
5.46
0xB1
9.1
0xE7
18
0x16
3.44
0x46
4.4
0x7C
5.48
0xB2
9.2
0xE8
18.2
0x17
3.46
0x47
4.42
0x7D
5.5
0xB3
9.3
0xE9
18.4
0x18
3.48
0x48
4.44
0x7E
5.52
0xB4
9.4
0xEA
18.6
0x19
3.5
0x49
4.46
0x7F
5.54
0xB5
9.5
0xEB
18.8
0x1A
3.52
0x4A
4.48
0x80
5.56
0xB6
9.6
0xEC
19
0x1B
3.54
0x4B
4.5
0x81
5.58
0xB7
9.7
0xED
19.2
0x1C
3.56
0x4C
4.52
0x82
5.6
0xB8
9.8
0xEE
19.4
0x1D
3.58
0x4D
4.54
0x83
5.62
0xB9
9.9
0xEF
19.6
0x1E
3.6
0x4E
4.56
0x84
5.64
0xBA
10
0xF0
19.8
0x1F
3.62
0x4F
4.58
0x0x85
5.66
0xBB
10.1
0xF1
20
0x20
3.64
0x50
4.6
0x86
5.68
0xBC
10.2
0x21
3.66
0x51
4.62
0x87
5.7
0xBD
10.3
STPD01
Register description
DS13473 - Rev 1
page 26/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com