Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 26Page - STMicroelectronics STPD01 Datasheet HTML 27Page - STMicroelectronics STPD01 Datasheet HTML 28Page - STMicroelectronics STPD01 Datasheet HTML 29Page - STMicroelectronics STPD01 Datasheet HTML 30Page - STMicroelectronics STPD01 Datasheet HTML 31Page - STMicroelectronics STPD01 Datasheet HTML 32Page - STMicroelectronics STPD01 Datasheet HTML 33Page - STMicroelectronics STPD01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
9
Application notes
9.1
Board layout guidelines
Guidelines
The DC-DC converter area is very sensitive, and it is necessary to pay attention to the layout of this part. The DC-
DC converter generates GND noise that can get coupled on surrounding ground reducing the sensitivity, and
high-frequency components can be coupled onto RF part. So, to ensure a correct layout it is necessary to:
Provide efficient filtering by placing capacitors as close as possible
Reduce parasitic ensuring wide and short connections.
Four-layer boards
A four-layer board is strongly recommended. Put the ground layer very close to the top layer to obtain a good
ground plane reference. A thickness between the top layer and ground layer of 0.2 mm or 0.3 mm is suggested.
Put a ground plane internally to reduce the coupling between the traces
If it is not possible to use a four-layer board, it is necessary to fill the area under the phase node of the board with
ground metal to reduce or eliminate radiation emissions. Board routing and wiring should not be placed in this
region to prevent coupling effects and to ensure a good ground reference plane to the RF parts.
Ground plane
Any switch mode power supply requires a good PCB layout in order to achieve the maximum performance.
Component placement, and GND trace routing and width are the major issues. Basic rules commonly used for
DC-DC converters for good PCB layout should be followed. All traces carrying current should be drawn on the
PCB as short and as thick as possible. This should be done to minimize resistive and inductive parasitic effects,
and increase system efficiency. Suggested PCB (ring) ground plane to avoid spikes on the output voltage. Good
soldering of the exposed pad helps on this issue.
Connect all the ground metallization and/or layers with as many vias as possible. Ground vias between layers
should be added liberally throughout the RF portion of the PCB. This helps prevent accrual of parasitic ground
inductance due to ground-current return paths. The vias also help to prevent cross-coupling from RF and other
signal lines across the PCB.
The layers assigned to system bias (DC supply) and ground must be considered in terms of the return current for
the components. The general guidance is not to have signals routed on layers between the bias layer and the
ground layer.
Capacitors placing
Particular care has to be taken in the placement of the supply voltage filtering capacitors. It is, in fact, important to
ensure efficient filtering placing these capacitors as close as possible from their dedicated pins on the VIN (C6),
VCC (C5), VREG (C1), VHDRIVE (C3), VBOOT (C14) and VSNS (C16).
STPD01
Application notes
DS13473 - Rev 1
page 30/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com