Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 10Page - STMicroelectronics STPD01 Datasheet HTML 11Page - STMicroelectronics STPD01 Datasheet HTML 12Page - STMicroelectronics STPD01 Datasheet HTML 13Page - STMicroelectronics STPD01 Datasheet HTML 14Page - STMicroelectronics STPD01 Datasheet HTML 15Page - STMicroelectronics STPD01 Datasheet HTML 16Page - STMicroelectronics STPD01 Datasheet HTML 17Page - STMicroelectronics STPD01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Figure 19. VCDC vs. load (Vin = VCC = 24 V, Vout = 0xF1 (20 V), CC = 0x1F, Rcdc2 = 6.8 kΩ, Fsw = 500 kHz)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.5
1
1.5
2
2.5
3
Iout [A]
CDC OFF
CDC Full
Figure 20. VOUT transition (Vin = VCC = 24 V, Vout
= 0x64 (5 V) to 0xB0 (9 V), CC = 0x1F, load = 500
mA, Fsw = 500 kHz)
Figure 21. VOUT transition (Vin = VCC = 24 V, Vout
= 0xB0 (9 V) to 0x64 (5 V), CC = 0x1F, load = 500
mA, Fsw = 500 kHz)
Figure 22. VOUT transition (Vin = VCC = 24 V, Vout
= 0x64 (5 V ) to 0xD8 (15 V), CC = 0x1F, load = 500
mA, Fsw = 500 kHz)
Figure 23. VOUT transition (Vin = VCC = 24 V, Vout
= 0xD8 (15 V ) to 0x64 (5 V), CC = 0x1F, load = 500
mA, Fsw = 500 kHz)
STPD01
Typical performance characteristics
DS13473 - Rev 1
page 14/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com