Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 28Page - STMicroelectronics STPD01 Datasheet HTML 29Page - STMicroelectronics STPD01 Datasheet HTML 30Page - STMicroelectronics STPD01 Datasheet HTML 31Page - STMicroelectronics STPD01 Datasheet HTML 32Page - STMicroelectronics STPD01 Datasheet HTML 33Page - STMicroelectronics STPD01 Datasheet HTML 34Page - STMicroelectronics STPD01 Datasheet HTML 35Page - STMicroelectronics STPD01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Connect all the ground metallization and/or layers with as many vias as possible. The vias should be located at
minimum keepout distance; this should be done to minimize resistive and inductive parasitic effects.
Reference voltage
Vreg is generated by an internal LDO. Place a decoupling capacitor very close. Use good capacitor layout
techniques. Do not route the Vref trace near noisy traces or planes.
High-side driver supply
VDRIVEH is generated by an internal LDO. Place a decoupling capacitor very close. Use good capacitor layout
techniques. Do not route the Vref trace near noisy traces or planes.
Current sensing
With small value sense resistors, trace resistance shared with the load can cause significant errors. It is
recommended to connect the sense resistor pads directly to the ISNS+ and ISNS- pins using “Kelvin” or “4-wire”
connection techniques as shown in Figure 43. RSNS Kelvin connection (sx sense in the same layer, at dx with
vias top to bottom). Run two dedicated traces with decent width in parallel (close to each other to minimize the
loop area) from the two terminals of the current-sensing resistor to the IC. Place in the differential mode and avoid
sense lines pass through noisy areas, such as switch nodes.
Figure 43. RSNS Kelvin connection (sx sense in the same layer, at dx with vias top to bottom)
The ISNS+ and ISNS- pins tolerate a DC voltage of -0.3 V with respect to GND. If VISNS+ and VISNS- pins are
forecasted to go below the DC value for short AC pulses, the source current must be limited to a max. of 10 mA.
Thermal aspects
The STPD01 power dissipation inside the IC is mainly due to the DC-DC integrated MOSFET power loss. The
heat generated due to this power dissipation level requires a suitable heatsink to keep the junction temperature
below the overtemperature protection threshold at the rated ambient temperature. Try, where possible, to increase
the number of power planes connected, at least below the IC position, to improve the heat dissipation. However,
different layouts are also possible. Basic principles suggest keeping the IC and its ground exposed pad
approximately in the middle of the dissipating area; to provide as many vias as possible; to design a dissipating
area having a shape as square as possible and not interrupted by other copper traces.
STPD01
Board layout guidelines
DS13473 - Rev 1
page 32/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com