Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 25Page - STMicroelectronics STPD01 Datasheet HTML 26Page - STMicroelectronics STPD01 Datasheet HTML 27Page - STMicroelectronics STPD01 Datasheet HTML 28Page - STMicroelectronics STPD01 Datasheet HTML 29Page - STMicroelectronics STPD01 Datasheet HTML 30Page - STMicroelectronics STPD01 Datasheet HTML 31Page - STMicroelectronics STPD01 Datasheet HTML 32Page - STMicroelectronics STPD01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
8.2.4
Register 0x05
The register 0x05 is used for services and in particular:
Bit
Function
Notes
0
Discharge
0: OFF
1: ON (default)
1
Dithering
0: OFF (default)
1: ON
2
Switching frequency
0: 500 kHz (default)
1: 750 kHz
4:3
Cable drop compensation
00: OFF (default)
10: Full
01: N/A
11: N/A
5
Not used
-
7:6
Watchdog timer
00: 100 ms (default)
01: 500 ms
10: 1 s
11: 5 s
Default value (reset) is 0x01.
8.2.5
Register 0x06
The register 0x06 is only used for digital enable.
Bit
Function
Notes
0
Digital enable
0: OFF
1: ON (default)
1
Watchdog enable
0: OFF (default)
1: ON
7:2
To be defined
To be defined
Default value (reset) is 0x01.
STPD01
Register description
DS13473 - Rev 1
page 29/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com