Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 2Page - STMicroelectronics STPD01 Datasheet HTML 3Page - STMicroelectronics STPD01 Datasheet HTML 4Page - STMicroelectronics STPD01 Datasheet HTML 5Page - STMicroelectronics STPD01 Datasheet HTML 6Page - STMicroelectronics STPD01 Datasheet HTML 7Page - STMicroelectronics STPD01 Datasheet HTML 8Page - STMicroelectronics STPD01 Datasheet HTML 9Page - STMicroelectronics STPD01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
4
Electrical characteristics
Table 5. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
PVIN
Input voltage
6
24
26.4
V
VCC
Analog supply voltage
Same as PVIN
VSNS
Output voltage
3
22
V
ISNS+, ISNS-
Current sensing pins
0
22
V
Iout
Output current
3
A
EN, Pon
Analog pins
5
V
SDA, SCL, ADD, INT
Digital pins
5
V
(TA = 25 °C, Vcc=VIN = 24 V unless otherwise specified)
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
Power section
IIN
Active supply current (1)
Fsw=500 kHz, EN=HIGH, no inductor, ISNS +=0,
ISNS-=0, VSNS=4.8 V, reg 0x01 = 0x1D
12
18
mA
Fsw=750 kHz, EN=HIGH, no inductor, ISNS+=0,
ISNS-=0, VSNS=4.8 V, reg 0x01 = 0x1D
16
22
mA
No switching supply current(1)
EN=HIGH, no inductor, ISNS+=0, ISNS-=0,
LX=HiZ, VSNS=GND
0.9
2
mA
Shutdown supply current(1)
EN=GND
16
25
uA
UVLOH
Operating start voltage
Detect PVIN rising
5.5
V
UVLOL
Operating stop voltage
Detect PVIN falling
5.0
V
VREG
Internal power supply voltage
Ireg = 0 mA
3.5
3.8
4.0
V
VSNS
Output voltage accuracy(2)
-2
+2
%
| VoutSR |
Vout transition slew rate
Absolute value
30
mV/us
ΔVout
Dinamic overshoot/undershoot during
voltage transition(2)
See Section 7.5 Vout transition
-0.5
0.5
V
RONHS
High-side FET on-resistance
ILX = 100 mA
50
RONLS
Low-side FET on-resistance
ILX = 100 mA
50
SSSLOPE
Soft-start slope
2.5
V/ms
FSW
Switching frequency
TJ = 25 °C, reg 0x05 : bit2=0
500
kHz
TJ = 25 °C, reg 0x05 : bit2=1
750
DC
Duty cycle
10
9
%
IDSC
Output discharge current
60
mA
Pon
Pon threshold (% of VOUT)
Lower
95
%
Upper
105
%
STPD01
Electrical characteristics
DS13473 - Rev 1
page 6/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com