Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPD01 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STPD01
Description  Programmable buck converter for USB power delivery
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPD01 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STPD01 Datasheet HTML 30Page - STMicroelectronics STPD01 Datasheet HTML 31Page - STMicroelectronics STPD01 Datasheet HTML 32Page - STMicroelectronics STPD01 Datasheet HTML 33Page - STMicroelectronics STPD01 Datasheet HTML 34Page - STMicroelectronics STPD01 Datasheet HTML 35Page - STMicroelectronics STPD01 Datasheet HTML 36Page - STMicroelectronics STPD01 Datasheet HTML 37Page - STMicroelectronics STPD01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
PLS=RDSon IOUT21−D
(7)
where D is the duty cycle of the application.
Note:
The duty cycle is theoretically given by the ratio between VOUT and VIN, but in practice it is significantly higher
than this value to compensate for the losses of the whole application. For this reason, the switching losses
related to the RDS(on) increase compared to an ideal case.
On and OFF switching losses. These are given by the following relation:
PSW=VINIOUTTrise+Tfall
2 FSW
(8)
where Trise and Tfall are the overlap times of the voltage across the power switch and the current flowing into it
during the turn-on and turn-off phases.
Quiescent current losses:
PQ=VIN×IIN
(9)
where IN is the supply current.
PTOT=PQ+PSW+PHS+PLS
(10)
The junction temperature of the device is:
TJ=TA+RtℎJ−A⋅PTOT
(11)
where TA is the ambient temperature and RthJ-A is the junction to ambient thermal resistance.
Considering that the device, mounted on the board with a good ground plane, has a thermal resistance junction to
ambient (RthJ-A) of about 31 °C/W.
It is also possible to estimate the junction temperature directly from the efficiency measures acquired on a
stationary application condition.
Considering that the power losses are given by:
PLOSS=PIN−POUT
(12)
Neglecting the AC losses of the selected inductor, the power losses are given by:
PLOSS=VIN⋅IIN−VOUT⋅IOUT−DCR1⋅IOUT
(13)
Therefore, the junction temperature TJ can be calculated as:
TJ=TA+RtℎJA⋅PLOSS
(14)
STPD01
Selecting components for the application
DS13473 - Rev 1
page 34/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com